Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDPH64 Datasheet(PDF) 5 Page - Sumida Corporation

Part # CDPH64
Description  CDPH64
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDPH64 Datasheet(HTML) 5 Page - Sumida Corporation

  CDPH64 Datasheet HTML 1Page - Sumida Corporation CDPH64 Datasheet HTML 2Page - Sumida Corporation CDPH64 Datasheet HTML 3Page - Sumida Corporation CDPH64 Datasheet HTML 4Page - Sumida Corporation CDPH64 Datasheet HTML 5Page - Sumida Corporation CDPH64 Datasheet HTML 6Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SPECIFICATION
TYPE
CDPH64
2-2.ELECTRICAL CHARACTERISTICS Ⅰ (IN THE CASE OF REEL)
NO.
PART NO.
STAMP
INDUCTANCE
[WITHIN]
※1
D.C.R
(Ω)[MAX.]
(at 20℃)
(TYPICAL VALUE)
RATED
CURRENT
(A)
※2
SUMIDA
CODE
01
02
CDPH64NP-1ØØNC
CDPH64NP-12ØNC
100
120
+ 25
10μH − 20 %
+ 25
12μH − 20 %
0.12(89m)
0.13(98m)
1.32
1.16
4740-0003
4740-0005
03
04
CDPH64NP-15ØNC
CDPH64NP-18ØNC
150
180
+ 25
15μH − 20 %
+ 25
18μH − 20 %
0.14(0.11)
0.15(0.12)
1.09
1.00
4740-0006
4740-0007
05
06
CDPH64NP-22ØNC
CDPH64NP-27ØNC
220
270
+ 25
22μH − 20 %
+ 25
27μH − 20 %
0.18(0.14)
0.24(0.18)
0.92
0.82
4740-0008
4740-0009
07
08
CDPH64NP-33ØNC
CDPH64NP-39ØNC
330
390
+ 25
33μH − 20 %
+ 25
39μH − 20 %
0.27(0.21)
0.31(0.24)
0.73
0.67
4740-0010
4740-0011
09
10
CDPH64NP-47ØNC
CDPH64NP-56ØNC
470
560
+ 25
47μH − 20 %
+ 25
56μH − 20 %
0.38(0.29)
0.44(0.34)
0.61
0.58
4740-0012
4740-0013
11
12
CDPH64NP-68ØNC
CDPH64NP-82ØNC
680
820
+ 25
68μH − 20 %
+ 25
82μH − 20 %
0.49(0.37)
0.59(0.45)
0.50
0.46
4740-0014
4740-0016
13
14
CDPH64NP-1Ø1NC
CDPH64NP-121NC
101
121
+ 25
100μH − 20 %
+ 25
120μH − 20 %
0.66(0.51)
0.73(0.56)
0.38
0.37
4740-0017
4740-0018
15
16
CDPH64NP-151NC
CDPH64NP-181NC
151
181
+ 25
150μH − 20 %
+ 25
180μH − 20 %
1.27(0.98)
1.42(1.09)
0.34
0.30
4740-0019
4740-0020
17
18
CDPH64NP-221NC
CDPH64NP-271NC
221
271
+ 25
220μH − 20 %
+ 25
270μH − 20 %
1.52(1.17)
2.30(1.77)
0.27
0.25
4740-0021
4740-0022
19
20
CDPH64NP-331NC
CDPH64NP-391NC
331
391
+ 25
330μH − 20 %
+ 25
390μH − 20 %
2.62(2.02)
2.88(2.21)
0.22
0.20
4740-0023
4740-0024
※1: MEASURED FREQUENCY
L
at
1
kHz
※2: THIS INDICATES THE VALUE OF CURRENT WHEN THE INDUCTANCE IS 25% LOWER THAN ITS NOMINAL VALUE
AT D.C. SUPERPOSITION OR D.C. CURRENT WHEN ΔT=40℃ WHICHEVER IS LOWER.(Ta=20℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com