Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CEST1-D8 Datasheet(PDF) 6 Page - PANDUIT CORP.

Part # CEST1-D8
Description  Cable Entry Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CEST1-D8 Datasheet(HTML) 6 Page - PANDUIT CORP.

  CEST1-D8 Datasheet HTML 1Page - PANDUIT CORP. CEST1-D8 Datasheet HTML 2Page - PANDUIT CORP. CEST1-D8 Datasheet HTML 3Page - PANDUIT CORP. CEST1-D8 Datasheet HTML 4Page - PANDUIT CORP. CEST1-D8 Datasheet HTML 5Page - PANDUIT CORP. CEST1-D8 Datasheet HTML 6Page - PANDUIT CORP. CEST1-D8 Datasheet HTML 7Page - PANDUIT CORP. CEST1-D8 Datasheet HTML 8Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Cable Entry Membrane Plate for Un-Terminated Cables - Rectangular
• Membrane plate cable entry system offering good strain relief
• Requires four (4) user supplied 10-32 screws and nuts for mounting
• IP66 (NEMA Type 12 and 4X indoor use only)
• Manufactured from polypropylene (frame) and TPE (seal)
• Flammability: UL94V-0 Frame and UL94-HB Seal
• Temperature rating: -22 °F – 158 °F (-30 °C – 70 °C)
*Reference Greenlee website for appropriate punch tools to accommodate cutouts above
Part
Number
Total
Number of
Openings
Number of
Openings
Size of Openings
Overall Dimensions
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Length
Width
Installed Height
In
mm
In
mm
In
mm
In
mm
CESUM3-C14
14
14
0.20 - 0.35
5.00 - 9.00
4.1
103.0
2.4
61.0
0.59
15.0
5
50
CESUM3-C15
15
8
0.12 - 0.31
3.00 - 8.00
3
0.20 - 0.35
5.00 - 9.00
4
0.30 - 0.47
7.50 - 12.00
CESUM3-D10
10
10
0.30 - 0.47
7.50 - 12.00
4.8
123.0
CESUM3-D12
12
2
0.12 - 0.20
3.00 - 5.00
4
0.20 - 0.35
5.00 - 9.00
2
0.30 - 0.47
7.50 - 12.00
2
0.39 - 0.63
10.00 - 16.00
2
0.55 - 0.79
14.00 - 20.00
CESUM3-D17
17
17
0.20 - 0.35
5.00 - 9.00
CESUM3-D24
24
16
0.12 - 0.24
3.00 - 6.00
6
0.20 - 0.35
5.00 - 9.00
2
0.30 - 0.47
7.50 - 12.00
CESUM3-E14
14
14
0.30 - 0.47
7.50 - 12.00
5.87
149.1
CESUM3-E23
23
23
0.20 - 0.35
5.00 - 9.00
For cutout dimensions, scan the QR code
or visit www.panduit.com/cable-entry-system-drawings
Cable Entry Systems



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com