Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MS1533 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS1533
Description  RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1533 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS1533 Datasheet HTML 1Page - Advanced Power Technology MS1533 Datasheet HTML 2Page - Advanced Power Technology MS1533 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
MS1533
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25°°C)
C)
STATIC
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCBO
IC = 100 mA
IE = 0mA
60
---
---
V
BVCEO
IC = 100 mA
IB = 0 mA
30
---
---
V
BVEBO
IE = 50 mA
IC = 0 mA
3.0
---
---
V
ICES
VCE = 28 V
IE = 0 mA
---
---
10
mA
HFE
VCE = 5 V
IC = 4 A
15
---
70
---
DYNAMIC
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
f = 860 MHz
PIN = 33 W
VCE = 28 V
150
---
---
W
GP
POUT = 150 W
PIN = 33 W
VCE = 28 V
6.5
---
---
dB
ηη
c
POUT = 150 W
PIN = 33 W
VCE = 28 V
45
---
---
%
Cob
f =1 MHz
PIN = 33 W
VCB = 28 V
---
---
100
pf
Conditions:
VCE = 28 V
ICQ = 2 x 500 mA
IMPEDANCE DATA
IMPEDANCE DATA
FREQ
ZIN(
Ω)
Ω)
ZCL(
Ω)
Ω)
900 MHz
2.65 + j 0.8
2.4 - j 1.6
860 MHz
3.2 + j 1.6
2.3 - j 0.9
470 MHz
0.3 - j 1.2
1.2 - j 1.3
POUT = 150 W
VCE = 28 V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com