Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MS1576 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS1576
Description  RF & MICROWAVE TRANSISTORS TV LINEAR APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1576 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS1576 Datasheet HTML 1Page - Advanced Power Technology MS1576 Datasheet HTML 2Page - Advanced Power Technology MS1576 Datasheet HTML 3Page - Advanced Power Technology MS1576 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MS1576
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcas
ELECTRICAL SPECIFICATIONS (Tcase = 25
e = 25°°C)
C)
STATIC
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCBO
IC = 40 mA
IE = 0mA
65
---
---
V
BVCEO
IC = 80mA
IB = 0mA
30
---
---
V
BVCER
IC = 120mA
RBE = 75
Ω
Ω
40
---
---
V
BVEBO
IE = 20mA
IC = 0mA
3.5
---
---
V
ICEO
VCE = 28V
IB = 0mA
---
---
10
mA
hFE
VCE = 5V
IC = 4A
25
---
120
---
DYNAMIC
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
P1dB
f = 860 MHz
PREF= 25 W
ICQ=200mA
100
---
---
W
Gp
f = 860 MHz
POUT = 100 W
ICQ=200mA
8.5
---
---
dB
ηη
C
f = 860 MHz
POUT = 100 W
ICQ=200mA
55
---
---
%
COB
f = 1 MHz
VCB = 28 V
---
50
---
pf



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com