Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LARA-R6401D-00B Datasheet(PDF) 15 Page - u-blox AG

Part # LARA-R6401D-00B
Description  Single or multi-mode LTE Cat 1 modules with Secure Cloud
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

LARA-R6401D-00B Datasheet(HTML) 15 Page - u-blox AG

Back Button LARA-R6401D-00B Datasheet HTML 11Page - u-blox AG LARA-R6401D-00B Datasheet HTML 12Page - u-blox AG LARA-R6401D-00B Datasheet HTML 13Page - u-blox AG LARA-R6401D-00B Datasheet HTML 14Page - u-blox AG LARA-R6401D-00B Datasheet HTML 15Page - u-blox AG LARA-R6401D-00B Datasheet HTML 16Page - u-blox AG LARA-R6401D-00B Datasheet HTML 17Page - u-blox AG LARA-R6401D-00B Datasheet HTML 18Page - u-blox AG LARA-R6401D-00B Datasheet HTML 19Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
LARA-R6 series - Data sheet
UBX-21004391 - R09
Interfaces
Page 15 of 41
C1-Public
2.6 Audio interface
☞ LARA-R6001D the LARA-R6401D data-only product versions do not support of voice / audio.
LARA-R6 series modules support Voice over LTE (VoLTE) as well as Circuit-Switched Fall-Back
(CSFB) from LTE to 3G or 2G radio bearer for providing audio services.
LARA-R6 series modules include a 4-wire I2S digital audio interface (I2S_TXD, I2S_RXD, I2S_CLK,
I2S_WA) that can be configured by AT command to transfer digital audio data to/from an external
device as an audio codec.
For more details regarding I2S digital audio interface possible configurations, usage and guideline for
the integration with an external digital audio device as an audio codec, see the LARA-R6 series system
integration manual [2] and the audio sections in the AT commands manual [1].
2.7 Clock output
☞ LARA-R6001D the LARA-R6401D data-only product versions do not support GPIO6 clock output.
LARA-R6 series modules provide digital clock output functionality on the GPIO6 pin. This is mainly
designed to feed the clock input of an external audio codec, as the clock output is generated only when
the audio is active. For more details, see the AT commands manual [1], +UMCLK AT command.
2.8 GPIO pins
LARA-R6 series modules include 9 pins (GPIO1-GPIO5, I2S_TXD, I2S_RXD, I2S_CLK, I2S_WA) that
can be configured as General Purpose Input/Output or to provide custom functions as summarized in
the Table 5 (for further details, see the GPIO section in the AT commands manual [1]).
Function
Description
Default GPIO
Configurable GPIOs
Network status
indication
Network status: registered home network, registered
roaming, data transmission, no service
--
GPIO1, GPIO2,
GPIO3, GPIO4
GNSS supply
enable
Enable/disable the supply of u-blox GNSS receiver
connected to the cellular module
GPIO2
GPIO1, GPIO2,
GPIO3, GPIO4
GNSS data ready
Sense when u-blox GNSS receiver connected to the module
is ready for sending data by the I2C
GPIO3
GPIO3
SIM card detection External SIM card physical presence detection
GPIO5
GPIO5
SIM card hot
insertion/removal
Enable / disable SIM interface upon detection of external
SIM card physical insertion / removal
--
GPIO5
RI
Main UART Ring Indicator output function
--
All
DTR
Main UART DTR input line function
--
GPIO3, GPIO4
Last gasp
Input to trigger last gasp notification by applying a rising or
falling edge according to AT+ULGASP setting
--
GPIO3
Faster and safe
power-off
Input to trigger emergency fast and safe shutdown of the
module (as AT+CFUN=10) by applying a rising edge
--
GPIO3
I2S digital audio
interface 7
I2S digital audio interface
I2S_RXD, I2S_TXD,
I2S_CLK, I2S_WA
I2S_RXD, I2S_TXD,
I2S_CLK, I2S_WA
General purpose
input
Input to sense high or low digital level
--
All
General purpose
output
Output to set the high or the low digital level
GPIO4
All
Pin disabled
Tri-state with an internal active pull-down enabled
GPIO1
All
Table 5: GPIO custom functions configuration
7 I2S is not supported by LARA-R6001D and LARA-R6401D data-only versions: I2S pins are by default set as Pin disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com