Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-FDA903S Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVAL-FDA903S
Description  Evaluation board for FDA803S and FDA903S power amplifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL-FDA903S Datasheet(HTML) 1 Page - STMicroelectronics

  EVAL-FDA903S Datasheet HTML 1Page - STMicroelectronics EVAL-FDA903S Datasheet HTML 2Page - STMicroelectronics EVAL-FDA903S Datasheet HTML 3Page - STMicroelectronics EVAL-FDA903S Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
•
Digital input, class-D output
•
Single audio channel
•
I2S bus with I2S and TDM compatibility
•
I2C bus
•
Full diagnostic
•
Compatible with FDA803S and FDA903S in QFN32 (exposed pad down)
•
Operating supply voltage from 3.3 V to 18 V (battery compatible)
Description
EVAL-FDA903S is the evaluation board for the automotive digital class-D power
amplifiers FDA803S and FDA903S in QFN32 (exposed pad down).
Product status link
EVAL-FDA903S
Product summary
Order code
Reference
EVAL-FDA903S-SA
FDA903S
Evaluation board for FDA803S and FDA903S power amplifiers
EVAL-FDA903S
Data brief
DB4688 - Rev 1 - March 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - EVAL-FDA903S

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
EVAL-FFF-OEM LINX-EVAL-FFF-OEM Datasheet
1Mb / 9P
OEM Transmitter Evaluation Kit
2016
More results

Similar Description - EVAL-FDA903S

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EK27 APEX-EK27 Datasheet
210Kb / 3P
EVALUATION KIT FOR PA50/PA52 POWER OPERATIONAL AMPLIFIERS
CDB5530U CIRRUS-CDB5530U Datasheet
760Kb / 20P
Evaluation Board and Software
CDB5534U CIRRUS-CDB5534U Datasheet
619Kb / 22P
Evaluation Board and Software
CDB5451A CIRRUS-CDB5451A Datasheet
1Mb / 24P
Evaluation Board and Software
CDB5461 CIRRUS-CDB5461 Datasheet
1Mb / 27P
Evaluation Board and Software
CDB5471 CIRRUS-CDB5471 Datasheet
1Mb / 26P
Evaluation Board and Software
CDB5521 CIRRUS-CDB5521 Datasheet
1Mb / 28P
Evaluation Board and Software
logo
National Semiconductor ...
LMH730316 NSC-LMH730316 Datasheet
1Mb / 6P
High Performance Amplifier Evaluation Board Operational Amplifiers
logo
Analog Devices
UG-018 AD-UG-018 Datasheet
321Kb / 4P
Evaluation Board for Dual High Speed Differential Amplifiers
REV. A
logo
Sames
PM2005MP SAMES-PM2005MP Datasheet
252Kb / 12P
Evaluation Board for the SA2005M and SA2005P
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com