Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GSX-4331P3AF Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # GSX-4331P3AF
Description  SM Crystal for Bluetooth / Wireless
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSX-4331P3AF Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  GSX-4331P3AF Datasheet HTML 1Page - Golledge Electronics Ltd GSX-4331P3AF Datasheet HTML 2Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12.0MHz
9pF, ±11.3ppm/pF typ pullability CSR, Zeevo MA04647*
12.0MHz
16pF, ±3.7ppm/pF typ pullability
MA04650
13.0MHz
16pF, C
1 = 2.5fF typ
TI
MA04648
13.0MHz
7pF, C
1 = 2.5fF typ
Philips
MA04649
13.0MHz
9pF, C
1 = 2.4fF typ
MA04654
15.360MHz
10pF, C
1 = 3.0±0.6fF
Broadcom
MA04651
15.360MHz
12pF, C
1 = 3.0±0.6fF
Broadcom
MA04652
16.0MHz
9pF, ±18ppm/pF typ pullability
CSR
MA03057*
26.0MHz
9pF, ±27ppm/pF typ pullability
MA04653
Frequency
Specification
IC
Part No
12.0MHz
18pF, C
1 = 2.0fF typ
DSC mobile MA06114
16.367667MHz 20pF, , C
1 = 3.7fF typ
MA06113
24.0MHz
12pF, C
1 = 4.5fF typ
DSC mobile MA06115
24.0MHz
20pF, C
1 = 4.5fF typ
DSC mobile MA06116
24.5535MHz
32pF, C
1 = 5.1fF typ
SiRF GPS
MA06112
26.0MHz
12pF, C
1 = 5.5fF typ
MA06117
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
SM Crystal for Bluetooth / Wireless
GSX-433
08 Oct 2004
Product name + option codes + frequency
eg:
GSX-433/111NF 16.0MHz 10/10/10/9-F
GSX-433/1P3AF 26.0MHz 10/15/30/10-F
Option code X (eg GSX-433/X) denotes a custom specification.
Ordering Information
±10ppm temperature stability may not be available over -30+80°C.
Check with our sales office before ordering.
Available on T&R - 1k or 3k pcs per reel.
Refer to our website for T&R and soldering details.
Product
GSX-433
Option
Codes
Parameters
Standard.
Optional - Please specify required code(s) when ordering
Specifications
Features
« Good frequency perturbation
« Metal lid can be grounded to minimise EMI
« Seam sealed for excellent long-term stability
« Ultra-miniature for maximum space saving
« Ideal for Bluetooth /Wireless applications
Scale 3:1
Frequency range: 12.0 ~ 44.0MHz
Calibration tolerance:
±10ppm
1
±15ppm
P
±20ppm
2
Other values (±7.5 ~ ±100ppm)
specify
Temperature stability:
±10ppm
1
±15ppm
P
±20ppm
2
±30ppm
3
Other values (±7.5 ~ ±100ppm)
specify
Operating temperature range:
-10 to +60°C
1
-20 to +70°C
2
-30 to +80°C
3
Other values
specify
Storage temperature range:
-40 to +85°C
Circuit condition:
9pF
N
12pF
B
16pF
D
Series resonant
S
Other values
specify
Oscillation mode:
Fundamental
F
Equivalent series resistance:
60
max
Frequency perturbation:
±1ppm max
Ageing:
±1ppm max first year
Test drive level:
10µW
Soldering condition:
260°C, 10 sec x2 max
ACTUAL SIZE
4.10
(max)
2.60
(max)
0.80
(max)
SOLDER PAD LAYOUT
TOP VIEW
2.00
0.70
1.20
0.50
1.20
1.40
1.40
1.60
12
43
1
4
2
3
PAD
1
2
3
4
CONNECTION
Crystal
Ground & lid
Crystal
Ground & lid
Bluetooth Applications
GPS / Mobile Applications
Frequency
Specification
IC / Appln Part No
* Qualified for use with CSR chipset solutions. Golledge is a global supply partner for CSR


Similar Part No. - GSX-4331P3AF

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX-433 GOLLEDGE-GSX-433 Datasheet
586Kb / 5P
4.0 x 2.5mm SM Crystal for Bluetooth
More results

Similar Description - GSX-4331P3AF

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX323 GOLLEDGE-GSX323 Datasheet
83Kb / 2P
SM crystal for Bluetooth / wireless
GSX333 GOLLEDGE-GSX333 Datasheet
86Kb / 2P
SM crystal for Bluetooth / Wireless
GSX533 GOLLEDGE-GSX533 Datasheet
112Kb / 2P
SM Crystal for Bluetooth / wireless
GSX-223 GOLLEDGE-GSX-223 Datasheet
166Kb / 2P
SM Crystal for Wireless
GSX-321 GOLLEDGE-GSX-321 Datasheet
168Kb / 2P
SM Crystal for Wireless
GSX-323 GOLLEDGE-GSX-323_15 Datasheet
168Kb / 2P
SM Crystal for Wireless
GSX-431 GOLLEDGE-GSX-431 Datasheet
568Kb / 6P
4.0 x 2.5mm SM Crystal for Bluetooth
GSX-433 GOLLEDGE-GSX-433 Datasheet
586Kb / 5P
4.0 x 2.5mm SM Crystal for Bluetooth
GSX-531 GOLLEDGE-GSX-531 Datasheet
595Kb / 6P
5.0 x 3.2mm SM Crystal for Bluetooth
GSX-533 GOLLEDGE-GSX-533 Datasheet
588Kb / 5P
5.0 x 3.2mm SM Crystal for Bluetooth
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com