Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECS78PSMAT502E4 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ECS78PSMAT502E4
Description  Precision Rotative Transducers, Conductive Plastic, Economic Series (ECS)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ECS78PSMAT502E4 Datasheet(HTML) 3 Page - Vishay Siliconix

  ECS78PSMAT502E4 Datasheet HTML 1Page - Vishay Siliconix ECS78PSMAT502E4 Datasheet HTML 2Page - Vishay Siliconix ECS78PSMAT502E4 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Series ECS
www.vishay.com
Vishay Sfernice
Revision: 26-Mar-15
3
Document Number: 54008
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION/DESCRIPTION
ECS
78
P
S
M
A
T
103
e4
SERIES
MODEL
TYPE
FIXATION
MECHANICAL
STOPS
LINEARITY
TAP
OHMIC VALUE
LEAD FINISH
P
S: Servo
On request
A: ± 1% or ± 2 %
On request
102: 1 k
R
B: Bushing
M
B: ± 0.5 %
T: Voltage
202: 2 k
C: ± 0.35 %
U: Current
502: 5 k
position to
103: 10 k
be specified
SAP PART NUMBERING GUIDELINES
ECS
78RB
B
102
SERIES
MODEL
LINEARITY
OHMIC VALUE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com