Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DDTC123JLP-7B Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDTC123JLP-7B
Description  NPN PRE-BIASED (R1≠R2) SMALL SIGNAL IN DFN1006
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTC123JLP-7B Datasheet(HTML) 2 Page - Diodes Incorporated

  DDTC123JLP-7B Datasheet HTML 1Page - Diodes Incorporated DDTC123JLP-7B Datasheet HTML 2Page - Diodes Incorporated DDTC123JLP-7B Datasheet HTML 3Page - Diodes Incorporated DDTC123JLP-7B Datasheet HTML 4Page - Diodes Incorporated DDTC123JLP-7B Datasheet HTML 5Page - Diodes Incorporated DDTC123JLP-7B Datasheet HTML 6Page - Diodes Incorporated DDTC123JLP-7B Datasheet HTML 7Page - Diodes Incorporated DDTC123JLP-7B Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DDTCxxxxLP (R1
R2 Series)
Document number: DS30755 Rev. 8 - 2
2 of 8
www.diodes.com
January 2016
© Diodes Incorporated
DDTCxxxxLP (R1
R2 Series)
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
P/N
Symbol
Value
Unit
Supply Voltage
VCC
50
V
Input Voltage
DDTC123JLP
VIN
-5 to +12
V
DDTC143ZLP
-5 to +30
DDTC114YLP
-5 to +40
Output Voltage
DDTC123JLP
IO
100
mA
DDTC143ZLP
100
DDTC114YLP
70
Maximum Collector Current
IC(MAX)
100
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
250
mW
Power Deration above +25°C
Pder
2
mW/
C
Thermal Resistance, Junction to Ambient Air (Note 5)
RJA
500
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
P/N
Symbol
Min
Typ
Max
Unit
Test Condition
Off Characteristics (Note 6)
Collector-Base Breakdown Voltage
BVCBO
50
V
IC = 50µA, IE = 0
Collector-Emitter Breakdown Voltage (Note 7)
BVCEO
50
V
IC = 2mA, IB = 0
Emitter-Base Breakdown Voltage (Note 7)
BVEBO
4.5

V
IE = 50µA, IC = 0
Collector Cutoff Current (Note 7)
ICEX


0.5
µA
VCE = 50V, VEB(OFF) = 3.0V
Base Cutoff Current (IBEX)
IBL


0.5
µA
VCE = 50V, VEB(OFF) = 3.0V
Collector-Base Cut Off Current
ICBO
0.5
µA
VCB = 50V, IE = 0
Collector-Emitter Cut Off Current, IO(OFF)
ICEO
0.5
µA
VCE = 50V, IB = 0
Emitter-Base Cut Off Current
IEBO
0.5
mA
VEB = 5V, IC = 0
Input-Off Voltage
VI(OFF)
0.5
V
VCE = 5V, IC = 100µA
On Characteristics (Note 6)
Base-Emitter Turn-On Voltage (Note 7)
DDTC123JLP
VBE(ON)
0.85
V
VCE = 5V, IC = 2mA
DDTC143ZLP
0.85
DDTC114YLP
0.95
Base-Emitter Saturation Voltage (Note
7)
DDTC123JLP
VBE(SAT)
0.98
V
IC = 10mA, IB = 1mA
DDTC143ZLP
0.998
DDTC114YLP
0.98
Input-On Voltage
VI(ON)
1.1
V
VO = 0.3V, IC = 5mA
Input Current
DDTC123JLP
II
7.2
mA
VI = 5V
DDTC143ZLP
1.5
DDTC114YLP
7.2
DC Current Gain
hFE
50
VCE = 5V, IC = 1mA
70
VCE = 5V, IC = 2mA
125
VCE = 5V, IC = 5mA
150
VCE = 5V, IC = 10mA
180
VCE = 5V, IC = 50mA
Collector-Emitter Saturation Voltage
VCE(SAT)
0.15
V
IC = 10mA, IB = 1mA
0.2
V
IC = 50mA, IB = 5mA
Output On Voltage (Same as VCE(SAT))
VO(ON)
0.3
IJ = 2.5mA, IO = 50mA
Input Resistor +/-30%
R1
-30
30
%
Resistor Ratio
 (R2/R1)
-20
-20
%
Small Signal Characteristics
Transition Frequency (gain bandwidth product)
fT
250
MHz
VCE = 10V, IE = 5mA, f = 100MHz
Notes:
5. For the device mounted on minimum recommended pad layout 1oz copper that is on a single-sided 1.6mm FR4 PCB; device is measured under
still air conditions whilst operating in steady state condition. The entire exposed collector pad is attached to the heatsink.
6.
Measured under pulsed conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%.
7. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com