Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APTDF400KK20 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTDF400KK20
Description  Dual Common Cathode diodes Power Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTDF400KK20 Datasheet(HTML) 1 Page - Advanced Power Technology

  APTDF400KK20 Datasheet HTML 1Page - Advanced Power Technology APTDF400KK20 Datasheet HTML 2Page - Advanced Power Technology APTDF400KK20 Datasheet HTML 3Page - Advanced Power Technology APTDF400KK20 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APTDF400KK20
APT website – http://www.advancedpower.com
1 - 4
A2
A1
K
Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VR
Maximum DC reverse Voltage
VRRM
Maximum Peak Repetitive Reverse Voltage
200
V
TC= 25°C
500
IF(AV)
Maximum Average Forward
Current
Duty cycle = 50%
TC= 80°C
400
IF(RMS)
RMS Forward Current
Duty cycle = 50%
TC = 45°C
500
IFSM
Non-Repetitive Forward Surge Current
8.3ms
TC = 45°C
3000
A
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
A2
A1
K
VRRM = 200V
IC = 400A @ Tc = 80°C
Application
Uninterruptible Power Supply (UPS)
Induction heating
Welding equipment
High speed rectifiers
Features
Ultra fast recovery times
Soft recovery characteristics
Very low stray inductance
High blocking voltage
High current
Low leakage current
Very low stray inductance
-
Symmetrical design
-
M5 power connectors
High level of integration
Benefits
Outstanding performance at high frequency
operation
Low losses
Low noise switching
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Dual Common Cathode diodes
Power Module


Similar Part No. - APTDF400KK20

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTDF400KK20G MICROSEMI-APTDF400KK20G Datasheet
215Kb / 4P
Dual Common Cathode diodes Power Module
More results

Similar Description - APTDF400KK20

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
C20T06Q-11A NIEC-C20T06Q-11A Datasheet
29Kb / 2P
DUAL DIODES - CATHODE COMMON
logo
Advanced Power Technolo...
APTDF400KK60 ADPOW-APTDF400KK60 Datasheet
239Kb / 4P
Dual Common Cathode diodes Power Module
APTDF400KK100 ADPOW-APTDF400KK100 Datasheet
240Kb / 4P
Dual Common Cathode diodes Power Module
APTDF400KK120 ADPOW-APTDF400KK120 Datasheet
239Kb / 4P
Dual Common Cathode diodes Power Module
APTDF400KK170 ADPOW-APTDF400KK170 Datasheet
233Kb / 3P
Dual Common Cathode diodes Power Module
logo
Microsemi Corporation
APTDF400KK20G MICROSEMI-APTDF400KK20G Datasheet
215Kb / 4P
Dual Common Cathode diodes Power Module
APTDF400KK60G MICROSEMI-APTDF400KK60G Datasheet
215Kb / 4P
Dual Common Cathode diodes Power Module
APTDF400KK100G MICROSEMI-APTDF400KK100G Datasheet
216Kb / 4P
Dual Common Cathode diodes Power Module
APTDF400KK120G MICROSEMI-APTDF400KK120G Datasheet
215Kb / 4P
Dual Common Cathode diodes Power Module
APTDF400KK170G MICROSEMI-APTDF400KK170G Datasheet
210Kb / 3P
Dual Common Cathode diodes Power Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com