Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APTM50H14FT3 Datasheet(PDF) 6 Page - Advanced Power Technology

Part # APTM50H14FT3
Description  Full - Bridge MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM50H14FT3 Datasheet(HTML) 6 Page - Advanced Power Technology

  APTM50H14FT3 Datasheet HTML 1Page - Advanced Power Technology APTM50H14FT3 Datasheet HTML 2Page - Advanced Power Technology APTM50H14FT3 Datasheet HTML 3Page - Advanced Power Technology APTM50H14FT3 Datasheet HTML 4Page - Advanced Power Technology APTM50H14FT3 Datasheet HTML 5Page - Advanced Power Technology APTM50H14FT3 Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
APTM50H14FT3
APT website – http://www.advancedpower.com
6 - 6
Delay Times vs Current
td(on)
td(off)
0
10
20
30
40
50
60
0
102030
40
5060
ID, Drain Current (A)
VDS=333V
RG=5Ω
TJ=125°C
L=100µH
Rise and Fall times vs Current
tr
tf
0
20
40
60
80
0
1020
3040
5060
ID, Drain Current (A)
VDS=333V
RG=5Ω
TJ=125°C
L=100µH
Hard
switching
ZCS
ZVS
0
100
200
300
400
500
600
5
10152025
ID, Drain Current (A)
Operating Frequency vs Drain Current
VDS=333V
D=50%
RG=5Ω
TJ=125°C
TC=75°C
TJ=25°C
TJ=150°C
1
10
100
1000
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
VSD, Source to Drain Voltage (V)
Source to Drain Diode Forward Voltage
Switching Energy vs Current
Eon
Eoff
0
0.2
0.4
0.6
0.8
1
1.2
0
1020
3040
50
60
ID, Drain Current (A)
VDS=333V
RG=5Ω
TJ=125°C
L=100µH
Eon
Eoff
0
0.5
1
1.5
2
2.5
0
10
20304050
Gate Resistance (Ohms)
Switching Energy vs Gate Resistance
VDS=333V
ID=26A
TJ=125°C
L=100µH
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com