Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMTH45M5LPSWQ Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMTH45M5LPSWQ
Description  40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH45M5LPSWQ Datasheet(HTML) 5 Page - Diodes Incorporated

  DMTH45M5LPSWQ Datasheet HTML 1Page - Diodes Incorporated DMTH45M5LPSWQ Datasheet HTML 2Page - Diodes Incorporated DMTH45M5LPSWQ Datasheet HTML 3Page - Diodes Incorporated DMTH45M5LPSWQ Datasheet HTML 4Page - Diodes Incorporated DMTH45M5LPSWQ Datasheet HTML 5Page - Diodes Incorporated DMTH45M5LPSWQ Datasheet HTML 6Page - Diodes Incorporated DMTH45M5LPSWQ Datasheet HTML 7Page - Diodes Incorporated DMTH45M5LPSWQ Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DMTH45M5LPSWQ
Document number: DS44402 Rev. 3 - 2
5 of 8
www.diodes.com
August 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
DMTH45M5LPSWQ
0
0.002
0.004
0.006
0.008
0.01
0.012
-50
-25
0
25
50
75
100
125
150
175
T
J, JUNCTION TEMPERATURE (℃)
Figure 7. On-Resistance Variation with Junction
Temperature
V
GS = 10V, ID = 25A
V
GS = 4.5V, ID = 15A
0
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
75
100
125
150
175
T
J, JUNCTION TEMPERATURE (℃)
Figure 8. Gate Threshold Variation vs. Junction
Temperature
I
D = 250μA
I
D = 1mA
0
5
10
15
20
25
30
0
0.3
0.6
0.9
1.2
1.5
V
SD, SOURCE-DRAIN VOLTAGE (V)
Figure 9. Diode Forward Voltage vs. Current
T
J = -55℃
T
J = 25℃
T
J = 85℃
T
J = 125℃
T
J = 150℃
T
J = 175℃
V
GS = 0V
1
10
100
1000
10000
0
10
20
30
40
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 10. Typical Junction Capacitance
f = 1MHz
C
oss
C
iss
C
rss
0
2
4
6
8
10
0
3
6
9
12
15
Q
g (nC)
Figure 11. Gate Charge
V
DS = 20V, ID = 25A
0.1
1
10
100
1000
0.1
1
10
100
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 12. SOA, Safe Operation Area
T
J(Max) = 175℃
T
C = 25℃
Single Pulse
DUT on Infinite
Heatsink
V
GS = 10V
R
DS(ON)
Limited
P
W = 10µ s
P
W = 1µ s
P
W = 100µ s
DC
P
W = 100ms
P
W = 10ms
P
W = 1ms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com