Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

23A017 Datasheet(PDF) 1 Page - GHz Technology

Part # 23A017
Description  1.7 Watts, 20 Volts, Class A Linear to 2300 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GHZTECH [GHz Technology]
Direct Link  http://www.microsemi.com/
Logo GHZTECH - GHz Technology

23A017 Datasheet(HTML) 1 Page - GHz Technology

  23A017 Datasheet HTML 1Page - GHz Technology 23A017 Datasheet HTML 2Page - GHz Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. GHz RECOMMENDS THAT
BEFORE THE PRODUCT(S) DESCRIBED HEREIN ARE WRITTEN INTO SPECIFICATIONS, OR USED IN CRITICAL APPLICATIONS,
THAT THE PERFORMANCE CHARACTERISTICS BE VERIFIED BY CONTACTING THE FACTORY.
GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120
23A017
1.7 Watts, 20 Volts, Class A
Linear to 2300 MHz
GENERAL DESCRIPTION
The 23A017 is a COMMON EMITTER transistor capable of providing 1.7
Watts of Class A, RF output power to 2300 MHz. This transistor is
specifically designed for general Class A amplifier applications. It utilizes
gold metalization and diffused ballasting to provide high reliability and
supreme ruggedness. The transistor uses a fully hermetic High Temperature
Solder Sealed package.
CASE OUTLINE
55BT, STYLE 2
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25 C
6.0 Watts
o
Maximum Voltage and Current
BVces
Collector to Emitter Voltage
50 Volts
BVebo
Emitter to Base Voltage
3.5 Volts
Ic
Collector Current
800 mA
Maximum Temperatures
Storage Temperature
- 65 to + 200 C
o
Operating Junction Temperature
+ 200 C
o
ELECTRICAL CHARACTERISTICS @ 25 C
O
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pout
Pin
Pg
Ft
VSWR
Power Out
Power Input
Power Gain
Transition Frequency
Load Mismatch Tolerance
F = 2.3 GHz
Ic = 280 mA
Vcc = 20 Volts
Vce = 20V, Ic =280 mA
1.7
6.25
3.4
2.2
7.6
3.7
.38
9:1
Watts
Watts
dB
GHz
BVebo
BVces
BVceo
h
FE
Cob
θjc
Emitter to Base Breakdown
Collector to Emitter Breakdown
Collector to Emitter Breakdown
DC Current Gain
Capacitance
Thermal Resistance
Ie = 2 mA
Ic = 20 mA
Ic = 20 mA
Vce = 5 V, Ic = 200 mA
Vcb = 28V, f = 1 MHz
3.5
50
22
20
4.8
14
16
Volts
Volts
Volts
pF
C/W
o
Initial Issue June, 1994


Similar Part No. - 23A017

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
23A017 NJSEMI-23A017 Datasheet
81Kb / 1P
1.7 Watts, 20 Volts, 280 mA Class A Linear to 2300 MHz
More results

Similar Description - 23A017

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
23A008 ETC1-23A008 Datasheet
42Kb / 2P
0.5 WATTS, 20 VOLTS, CLASS A LINEAR TO 2300 MHz
logo
GHz Technology
10AM20 GHZTECH-10AM20 Datasheet
132Kb / 3P
20 Watts, 20 Volts, Class A Linear to 1000 MHz
23A003 GHZTECH-23A003 Datasheet
29Kb / 1P
0.3 Watts, 15 Volts, Class A Linear to 2300 MHz
23A005 GHZTECH-23A005 Datasheet
110Kb / 3P
0.5 Watts, 20 Volts, Class A Linear to 2300 MHz
23A025 GHZTECH-23A025 Datasheet
32Kb / 2P
2.5 Watts, 20 Volts, Class A Linear to 2300 MHz
2223-17 GHZTECH-2223-17 Datasheet
249Kb / 3P
1.7 Watts - 24 Volts, Class C Microwave 2200 - 2300 MHz
80143 GHZTECH-80143 Datasheet
226Kb / 4P
1.0 Watts, 15 Volts, Class A Linear to 2300 MHz
10AM11 GHZTECH-10AM11 Datasheet
154Kb / 3P
11 Watts, 20 Volts, Class A Linear to 1000 MHz
logo
New Jersey Semi-Conduct...
10AM20 NJSEMI-10AM20 Datasheet
126Kb / 1P
20 Watts, 20 Volts, Class A Linear to 1000 MHz
23A017 NJSEMI-23A017 Datasheet
81Kb / 1P
1.7 Watts, 20 Volts, 280 mA Class A Linear to 2300 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com