Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC-3100S-PC Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-3100S-PC
Description  10.4 Fanless Panel PC with Intel® Celeron® N2930 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-3100S-PC Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-3100S-PC Datasheet HTML 1Page - Advantech Co., Ltd. PPC-3100S-PC Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Panel PCs
Features
PPC-3100S
10.4" Fanless Panel PC with
Intel® Celeron® N2930 Processor
ƒ
Industrial-grade 10.4" SVGA/XGA TFT LCD with 30K backlight lifetime
ƒ
Durable true-flat touchscreen with 5-wire resistive/projected capacitive touch
control
ƒ
Intel® Celeron® N2930 quad-core, 1.83 GHz, processor
ƒ
Up to 8 GB DDR3L SDRAM
ƒ
1 x RS-232, 1 x RS-232/422/485, 2 x USB 2.0, and 1 x USB 3.0
ƒ
Compact, fanless design with solid aluminum alloy enclosure and IP66-rated
front panel
ƒ
Supports E-Eye monitoring and protection
ƒ
Supports expansion via full-size mini PCIe
ƒ
Supports Windows Embedded and Android OS
ƒ
Supports VESA 75 x 75 mounting holes
Introduction
The PPC-3100S is a high-value, ultra-slim panel PC equipped with a 10.4" SVGA/XGA TFT LCD, and low-power Intel® Celeron® N2930, 1.83 GHz, processor to provide high-
performance computing in a compact and fanless system. For high durability and functionality, the PPC-3100S features an IP66-rated front panel, true-flat touchscreen with 5-wire
resistive/projected capacitive touch, two serial ports, three USB ports, and two GbE LAN ports, making it suitable for diverse industrial applications. To provide further system monitoring
and protection capabilities, e-Eye technology is provided at the rear of the panel PC for indicating the system operating status to facilitate detection and analysis.
Specifications
PPC-3100S-Rxx
PPC-3100S-Pxx
System
CPU
Intel® Celeron® N2930 quad core
Frequency
1.83 GHz
L2 Cache
2 MB
Memory
1 x SODIMM DDR3L 1333 MHz (max. 8 GB)
Storage
1 x 2.5" SATA Bay bay (optional; requires a bracket module for installation)
1 x mSATA Bay (default)
Network (LAN)
2 x 10/100/1000 Mbps Ethernet (Intel I211-AT/I210AT A ver. or Realtek 8119i B ver.)
I/O
2 x Serial ports: 1 x RS-232, 1x RS-232/422/485 (Adjustable through BIOS)
2 x USB 2.0, 1 x USB 3.0 (for PPC-3100S-Rxx)
1 x USB 2.0, 1 x USB 3.0 (for PPC-3100S-Pxx)
Expansion
1 x Full-size mini PCIe slot
Watchdog Timer
255 timer levels, set up by software
Physical Characteristics
Dimensions
272 x 217 x 46 mm (10.7 x 8.5 x 1.8 in)
Weight
1.9 kg (4.18 lb)
OS Support
OS Support
Microsoft® Windows 7(32/64-bit)/10(64-bit), WES7P, WEC7, Windows 10 IOT LTSC, Linux, Android 6.0
Power Consumption
Input Voltage
12 ~ 24 VDC
Power Consumption
16W (Burn-in test 7.0 in Windows 7, 32-bit)
LCD
Display Type
10.4" TFT LCD (LED backlight)
10.4" TFT LCD (LED backlight)
Resolution
800 x 600
1024 x 768
Viewing Angle
80 (left), 80 (right), 70 (up), 70 (down)
88 (left), 88 (right), 88 (up), 88 (down)
Luminance (cd/m2)
400
350
Contrast Ratio
700
1200
Backlight Lifetime
30,000 hr (min.)
30,000 hr (min.)
Touchscreen
Touch Type
ELO 5-wire resistive
5-point multi-touch projected capacitive
Light Transmission
80±5% at 550nm wavelength
88±2%
Controller
RS232 interface
USB interface
Durability/Surface Hardness
Greater than 35million touches in one location without
failure
Cover glass > 7H
Environment
Operating Temperature
0 ~ 50 °C (32 ~ 122 °F) with SSD
0 ~ 40 °C (32 ~ 104 °F) with HDD (with the HDD temperature more than or equal to 65 °C)
Storage Temperature
-40 ~ 60 °C (-40 ~ 140 °F)
Relative Humidity
10 ~ 95% @ 40 °C (non-condensing)
Shock
Operating 10 G peak acceleration (11 ms duration), follow IEC 60068-2-27
Vibration
Operating Random Vibration Test 5 ~ 500Hz, 1Grms @with HDD; 2Grms @with SSD, follow IEC 60068-2-64
EMC
CE, FCC Class B, BSMI
Safety
CB, CCC, BSMI, UL
Front Panel Protection
IP66 compliant
All product specifications are subject to change without notice.
Last updated: 1-Aug-2022


Similar Part No. - PPC-3100S-PC

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-3100S-HDDE ADVANTECH-PPC-3100S-HDDE Datasheet
389Kb / 2P
15 Fanless Panel PC with Intel짰 Celeron짰 N2930 Processor
27-Jun-2018
PPC-3100S-HDDE ADVANTECH-PPC-3100S-HDDE Datasheet
385Kb / 2P
12.1 Fanless Panel PC with Intel® Celeron® N2930 Processor
28-Jul-2022
PPC-3100S-HDDE ADVANTECH-PPC-3100S-HDDE Datasheet
375Kb / 2P
21.5 Fanless Panel PC with Intel® Celeron® N2930 Processor
1-Aug-2022
More results

Similar Description - PPC-3100S-PC

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-3060S ADVANTECH-PPC-3060S Datasheet
413Kb / 2P
6.5/7 Fanless Panel PC with Intel® Celeron® N2807 Processor
1-Aug-2022
PPC-310-EHL ADVANTECH-PPC-310-EHL Datasheet
420Kb / 2P
10.4 Fanless Panel PC with Intel® Celeron® J6412 Processor
5-Sep-2022
PPC-3100 ADVANTECH-PPC-3100 Datasheet
381Kb / 2P
10.4 Fanless Panel PC with Intel® Atom™ E3940 Processor
1-Aug-2022
PPC-312-EHL ADVANTECH-PPC-312-EHL Datasheet
441Kb / 2P
12 Fanless Panel PC with Intel® Celeron® J6412 Processor
5-Sep-2022
PPC-3120S ADVANTECH-PPC-3120S Datasheet
385Kb / 2P
12.1 Fanless Panel PC with Intel® Celeron® N2930 Processor
28-Jul-2022
PPC-315-EHL ADVANTECH-PPC-315-EHL Datasheet
437Kb / 2P
15 Fanless Panel PC with Intel® Celeron® J6412 Processor
5-Sep-2022
PPC-321W-EHL ADVANTECH-PPC-321W-EHL Datasheet
434Kb / 2P
21.5 Fanless Panel PC with Intel® Celeron® J6412 Processor
5-Sep-2022
PPC-3210SW ADVANTECH-PPC-3210SW Datasheet
375Kb / 2P
21.5 Fanless Panel PC with Intel® Celeron® N2930 Processor
1-Aug-2022
logo
AAEON Technology
BOXER-6616 AAEON-BOXER-6616 Datasheet
579Kb / 2P
Fanless Embedded Box PC with Intel® Celeron® Processor N3350/N4200
2023/05/24
OMNI-3105-BT AAEON-OMNI-3105-BT Datasheet
468Kb / 2P
10.4” Modular HMI Panel PC with Intel® Celeron® J1900/ N2807 Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com