Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC-415-TGL Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PPC-415-TGL
Description  15 Fanless Panel PC with Intel® 11th Gen Core™ I7/i5/i3 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-415-TGL Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PPC-415-TGL Datasheet HTML 1Page - Advantech Co., Ltd. PPC-415-TGL Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Please note: If some optional modules are offered with the system, additional system certificates may be required in certain regions/countries.
Please contact Advantech for certificate compliance.
PPC-415 TGL
Dimensions
Unit: mm
I/O View
A. 1 x Expansion slot (PCI or PCIe x4)
B. Line-Out/Mic-In
C. 4 x USB 3.2
D. 2 x Intel Gigabit Ethernet
E. 1 x HDMI
F. 1 x DisplayPort
G. 2 x RS-232
H. DC inlet and AT/ATX switch
I. 1 x isolated RS-422/485
J. Power button
K. Grounding screw
L. Optional modules
Ordering Information
Part Number
Description
PPC-415-PB70A
15" Fanless PPC, PCT, Intel Core i7-1185G7E
processor, assembled in China
PPC-415-PB50A
15" Fanless PPC, PCT, Intel Core i5-1145G7E
processor, assembled in China
PPC-415-PB30A
15" Fanless PPC, PCT, Intel Core i3-1115G4E
processor, assembled in China
PPC-415-PB50AU
15" Fanless PPC, PCT, Intel Core i5-1145G7E
processor, assembled in Taiwan
96PSA-A90W19OT-3
A/D 100-240V 90W 19V C6 TERMINAL 2 PIN 62368
1700001524
Power cable 3P UL 10A 125V, 180 cm
170203183C
Power cable 3P Europe (WS-010+083) 183 cm
1700008921
Power cable 3P/3P power supply 1.8M PSE
96CB-POWER-B-1.8MB
Power code 3P CCC(China) 1.8M
PPC-174T-WL-MTE
Wall mount kit for PPC series
PPC-STAND-A1E
Stand for PPC series
PPC-ARM-A03
ARM VESA standard (A-CLEVER) for PPC series
PPC-WLAN-C1E
M.2 Wi-Fi Module with Antenna cable support 2T2R
98R3C31530E
Module that supports two additional ports
(either two RS-232 or one RS-232 and one GPIO port)
98R3C31500E
Internal USB dongle kits
Panel Cutout Dimensions: 382 x 303 mm (15.03 x 11.92 in)
C
E
H
G
K
L
J
I
F
D
B
A
392.3
158.7
382.0
75.0
7.5
45.2
55.2
CUT OUT
379.4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com