Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASTD Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # ASTD
Description  PLANAR TUNNEL (BACK) DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ASTD Datasheet(HTML) 1 Page - Advanced Semiconductor

  ASTD Datasheet HTML 1Page - Advanced Semiconductor ASTD Datasheet HTML 2Page - Advanced Semiconductor ASTD Datasheet HTML 3Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. B
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/3
Specifications are subject to change without notice.
ELECTRICAL CHARACTERISTICS T
C = 25
OC
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
IP
ASTD 1020
100
200
µµµµA
ASTD 2030
200
300
ASTD 3040
300
400
ASTD 4050
400
500
ASTD 5060
500
600
VF
IF = 3 mA
ASTD 1020
135
mV
ASTD 2030
130
ASTD 3040
125
ASTD 4050
120
ASTD 5060
110
VR
IR = 500
µA
400
mV
PLANAR TUNNEL (BACK) DIODE
ASTD SERIES
DESCRIPTION:
The
ASTD Series of Tunnel Diodes
are Optimized for Operation as Back
Diode Detectors in Applications up
to 18 GHz.
FEATURES INCLUDE:
• Excellent Temperature Stability
• Fast Rise / Fall Times
• Available in Die Form
MAXIMUM RATINGS
IR
10 mA
PDISS
3 ERG spike
PDISS
50 mW @ TA = +60
OC
TJ
-65 to +110
OC
TSTG
-65 to +125
OC
PACKAGE STYLE 51


Similar Part No. - ASTD

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
AST SCHURTER-AST Datasheet
350Kb / 4P
LED Holder for 3 mm and 5 mm LED
logo
Vishay Siliconix
AST VISHAY-AST Datasheet
118Kb / 6P
Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Tubular
23-Sep-2020
logo
Schurter Inc.
AST SCHURTER-AST Datasheet
360Kb / 4P
LED Holder for 3 mm and 5 mm LED
04.01.2022
logo
Conquer Electronics Co....
AST CONQUER-AST Datasheet
286Kb / 1P
Mini-Blade Type, Transparent Body
logo
Projects Unlimited, Inc...
AST-01508MR-R PUI-AST-01508MR-R Datasheet
189Kb / 1P
Speaker
More results

Similar Description - ASTD

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE80T6003 PASTERNACK-PE80T6003 Datasheet
603Kb / 5P
Tunnel Diode Detector
PE80T6006 PASTERNACK-PE80T6006 Datasheet
602Kb / 5P
Tunnel Diode Detector
PE80T6007 PASTERNACK-PE80T6007 Datasheet
602Kb / 5P
Tunnel Diode Detector
PE80T6008 PASTERNACK-PE80T6008 Datasheet
602Kb / 5P
Tunnel Diode Detector
PE80T6010 PASTERNACK-PE80T6010 Datasheet
602Kb / 5P
Tunnel Diode Detector
PE80T6014 PASTERNACK-PE80T6014 Datasheet
602Kb / 5P
Tunnel Diode Detector
PE80T6015 PASTERNACK-PE80T6015 Datasheet
603Kb / 5P
Tunnel Diode Detector
PE80T6017 PASTERNACK-PE80T6017 Datasheet
602Kb / 5P
Tunnel Diode Detector
PE80T6019 PASTERNACK-PE80T6019 Datasheet
603Kb / 5P
Tunnel Diode Detector
PE80T6020 PASTERNACK-PE80T6020 Datasheet
603Kb / 5P
Tunnel Diode Detector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com