Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESD2CANFD24DBZR Datasheet(PDF) 4 Page - Texas Instruments

Part # ESD2CANFD24DBZR
Description  ESD2CANFD24 24-V, 2-Channel ESD Protection Diode for In-Vehicle Networks
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD2CANFD24DBZR Datasheet(HTML) 4 Page - Texas Instruments

  ESD2CANFD24DBZR Datasheet HTML 1Page - Texas Instruments ESD2CANFD24DBZR Datasheet HTML 2Page - Texas Instruments ESD2CANFD24DBZR Datasheet HTML 3Page - Texas Instruments ESD2CANFD24DBZR Datasheet HTML 4Page - Texas Instruments ESD2CANFD24DBZR Datasheet HTML 5Page - Texas Instruments ESD2CANFD24DBZR Datasheet HTML 6Page - Texas Instruments ESD2CANFD24DBZR Datasheet HTML 7Page - Texas Instruments ESD2CANFD24DBZR Datasheet HTML 8Page - Texas Instruments ESD2CANFD24DBZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
Parameter
DEVICE
MIN
MAX
UNIT
PPP
IEC 61000-4-5 Power (tp – 8/20 µs) at 25°C
ESD2CANFD24
133
W
IPP
IEC 61000-4-5 current (tp – 8/20 µs) at 25°C
3.5
A
TA
Operating free-air temperature
-55
150
°C
TJ
Junction temperature
-55
150
Tstg
Storage temperature
-65
155
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
6.2 ESD Ratings—JEDEC Specification
PARAMETER
TEST CONDITION
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
± 2500
V
Charged device model (CDM), per JEDEC specification JS-002 (2)
± 1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufactuuring with a standard ESD control proccess.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufactuuring with a standard ESD control proccess.
6.3 ESD Ratings—IEC Specification
over TA = 25°C (unless otherwise noted)
Parameter
Test Conditions
DEVICE
VALUE
UNIT
V(ESD)
Electrostatic discharge
IEC 61000-4-2 Contact Discharge, all pins
ESD2CANFD24
±25000
V
IEC 61000-4-2 Air-gap Discharge, all pins
±25000
6.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
Parameter
MIN
NOM
MAX
UNIT
VIN
Input voltage
-24
24
V
TA
Operating free-air temperature
-55
150
°C
6.5 Thermal Information
THERMAL METRIC(1)
ESD2CANFD24
UNIT
DBZ (SOT-23)
3 PINS
RθJA
Junction-to-ambient thermal resistance
316.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
170.7
°C/W
RθJB
Junction-to-board thermal resistance
156.2
°C/W
ΨJT
Junction-to-top characterization parameter
45.9
°C/W
ΨJB
Junction-to-board characterization parameter
155.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
ESD2CANFD24
SLVSH12 – NOVEMBER 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ESD2CANFD24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com