Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMUXHS221 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMUXHS221
Description  TMUXHS221 USB 2.0 480 Mbps 2:1/1:2 Multiplexer/Demultiplexer Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUXHS221 Datasheet(HTML) 3 Page - Texas Instruments

  TMUXHS221 Datasheet HTML 1Page - Texas Instruments TMUXHS221 Datasheet HTML 2Page - Texas Instruments TMUXHS221 Datasheet HTML 3Page - Texas Instruments TMUXHS221 Datasheet HTML 4Page - Texas Instruments TMUXHS221 Datasheet HTML 5Page - Texas Instruments TMUXHS221 Datasheet HTML 6Page - Texas Instruments TMUXHS221 Datasheet HTML 7Page - Texas Instruments TMUXHS221 Datasheet HTML 8Page - Texas Instruments TMUXHS221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
5 Pin Configuration and Functions
D-
DB-
D+
DB+
Not to scale
Figure 5-1. TMUXHS221 NKG Package, 10-Pin UQFN (Top View)
Table 5-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
D+
1
I/O
Data signals Common Port, positive
D-
2
I/O
Data signals Common Port, negative
DA+
5
I/O
Data signals Port A, positive
DA-
4
I/O
Data signals Port A, negative
DB+
7
I/O
Data signals Port B, positive
DB-
6
I/O
Data signals Port B, negative
SEL
10
IN
Switch control configuration signal as provided in Table 7-1.
OEn
8
IN
VCC
9
P
3.3 V power supply
GND
3
G
Ground
(1)
IN = input, I/O = input or output, P = power, G = ground
www.ti.com
TMUXHS221
SLASF52A – AUGUST 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMUXHS221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com