Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECS-240-8-37B-RHM-TR Datasheet(PDF) 1 Page - ECS, Inc.

Part # ECS-240-8-37B-RHM-TR
Description  SMD CRYSTAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-240-8-37B-RHM-TR Datasheet(HTML) 1 Page - ECS, Inc.

  ECS-240-8-37B-RHM-TR Datasheet HTML 1Page - ECS, Inc. ECS-240-8-37B-RHM-TR Datasheet HTML 2Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
15351 West 109th Street | Lenexa, KS 66219 | Phone: 913.782.7787 | Fax: 913.782.6991 | www.ecsxtal.com
PARAMETERS
CONDITIONS
ECX-1637B
UNITS
MIN
TYP
MAX
Frequency
16.000
96.000
MHz
Mode of Oscillation
Fundamental
Frequency Tolerance*
@ +25°C
(C option)
± 10
ppm
Frequency Stability*
-30 ~ +85°C
(KY option)
± 10
ppm
Shunt Capacitance
Co
3
pF
Load Capacitance
Specify in P/N
8
pF
Drive Level
DL
100
μW
Operating Temperature*
Topr
(Y option)
-30
+85
°C
Storage Temperature
Tstg
-55
+125
°C
Aging (First Year)
@ +25°C ±3°C
±1
ppm
ECS - FREQUENCY ABBREVIATION
LOAD
CAPACITANCE
PACKAGE
AVAILABLE OPTIONS
Tolerance
Stability
Temp
Range
PACKAGING
Frequency (MHz)
ESR Ω Max.
16.000 ~ 19.999
150
20.000 ~ 23.999
70
24.000 ~ 39.999
50
40.000 ~ 81.999
40
82.000 ~ 96.000
25
Pad Connections
1
In/Out
2
Gnd
3
Out/In
4
Gnd
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
The sub miniature ECX-1637B is a very compact SMD Crystal.
The 2.0 x 1.6 x 0.45 mm ceramic package is ideal for wireless
applications.
ECX-1637B
SMD CRYSTAL
ECX-1637B SMD CRYSTAL
• Low 1st Year Aging ±1 ppm Max.
• 2.0 x 1.6 mm Footprint
• Extended Temp. Range Option
• RoHS Compliant
DIMENSIONS (mm)
PART NUMBERING GUIDE: Example ECS-240-8-37B-CKY-TR
Figure 1) Top, Side, and Bottom
Crystal is symmetrical, pad 1 & 3 are interchangeable.
Chamfer on the bottom pad has no electrical
significance.
240 = 24.000 MHz
See P/N Guide
8 = 8 pF
10 = 10 pF
S=Series
-37B =
ECX-1637B
Blank = Std
A = ± 25 ppm
J = ± 20 ppm
R = ± 15 ppm
C = ± 10 ppm
7 = ± 7 ppm
TR =1K
TR3=3K
Qty/Reel
Rev.2022
ECS
* Specify available options in P/N.
† Contact ECS for availability over extended temp range.
Blank= Std
D= ±100 ppm
E = ± 50 ppm
G = ± 30 ppm
H = ± 25 ppm
T = ± 20 ppm †
W = ±15 ppm †
K = ± 10 ppm †
Blank= Std
L = -10 ~ +70°C
M = -20 ~ +70°C
Y = -30 ~ +85°C
N = -40 ~ +85°C
P = -40 ~ +105°C
S = -40 ~ +125°C
U = -55 ~ +125°C
Figure 2) Suggested land
pattern
Request a Sample


Similar Part No. - ECS-240-8-37B-RHM-TR

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-240-8-37-A-D-L-TR ECS-ECS-240-8-37-A-D-L-TR Datasheet
272Kb / 2P
SMD CRYSTAL
ECS-240-8-37-A-D-M-TR ECS-ECS-240-8-37-A-D-M-TR Datasheet
272Kb / 2P
SMD CRYSTAL
ECS-240-8-37-A-D-N-TR ECS-ECS-240-8-37-A-D-N-TR Datasheet
272Kb / 2P
SMD CRYSTAL
ECS-240-8-37-A-D-P-TR ECS-ECS-240-8-37-A-D-P-TR Datasheet
272Kb / 2P
SMD CRYSTAL
ECS-240-8-37-A-E-L-TR ECS-ECS-240-8-37-A-E-L-TR Datasheet
272Kb / 2P
SMD CRYSTAL
More results

Similar Description - ECS-240-8-37B-RHM-TR

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
CSM-7XDN ECS-CSM-7XDN Datasheet
146Kb / 1P
SMD CRYSTAL
CSM-9 ECS-CSM-9 Datasheet
155Kb / 1P
SMD CRYSTAL
CSM-7X-DU ECS-CSM-7X-DU Datasheet
145Kb / 1P
SMD CRYSTAL
ECX-1637 ECS-ECX-1637 Datasheet
272Kb / 2P
SMD CRYSTAL
ECX-2236 ECS-ECX-2236 Datasheet
228Kb / 2P
SMD CRYSTAL
ECX-42 ECS-ECX-42 Datasheet
112Kb / 1P
SMD CRYSTAL
ECX-1637 ECS-ECX-1637_14 Datasheet
687Kb / 3P
SMD CRYSTAL
ECX-1637Q ECS-ECX-1637Q Datasheet
604Kb / 1P
SMD CRYSTAL
ECX-2236B2 ECS-ECX-2236B2 Datasheet
1Mb / 2P
SMD CRYSTAL
Rev.2021
ECX-1637B2 ECS-ECX-1637B2 Datasheet
1Mb / 2P
SMD CRYSTAL
Rev.2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com