Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASI10681 Datasheet(PDF) 2 Page - Advanced Semiconductor

Part # ASI10681
Description  NPN SILICON RF POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ASI10681 Datasheet(HTML) 2 Page - Advanced Semiconductor

  ASI10681 Datasheet HTML 1Page - Advanced Semiconductor ASI10681 Datasheet HTML 2Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. C
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/2
ERROR! REFERENCE SOURCE NOT FOUND.
Specifications are subject to change without notice.
ULBM5SL
TYPICAL IMPEDANCE DATA:
FREQUENCY (MHz)
ZIN (
Ω
Ω
Ω
Ω)
ZCL (
Ω
Ω
Ω
Ω)
400
1.2 + j0.6
6.9 – j6.5
440
1.2 + j0.9
7.2 – j6.0
470
1.2 + j1.2
7.7 – j5.3
512
1.2 + j1.5
8.3 – j4.5
Conditions: VCC = 12.5 V, POUT = 5.0 W
TEST CIRCUIT
B1,B2, B3 – Ferrite Bead
C8 – 68 pF Mini-Underwood Mica
C1 – 7.0 pF Unelco Mica
C9 – 1.0 µF Electrolytic 25 V
C2 – 1.0-6.0 pF Johanson Variable 5201
C10,C11 – 5.0 pF Unelco Mica
C3 – 15 pF Unelco Mica
C12 – 1.0-10 pF Johanson Variable 5501
C4 – 43 pF Mini-Underwood Mica
L1, L2 – 6 Turns, 20 AWG Wire 0.125” ID
C5 – 56 Mini-Underwood Mica
Z1, Z2 – 25
Ω µStripline
C6 – 1000 pF Unelco Mica
Z3,Z4,Z5 – 50
Ω µStripline
C7 – 0.1 pF Ceramic
Board – 0.032” Glass-Teflon
440-512 MHz Broadband Test Circuit



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com