Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT-SPFX/2-C Datasheet(PDF) 1 Page - ATGBICS by Approved Technology

Part # AT-SPFX/2-C
Description  AT-SPFX/2 Allied Telesis Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

AT-SPFX/2-C Datasheet(HTML) 1 Page - ATGBICS by Approved Technology

  AT-SPFX/2-C Datasheet HTML 1Page - ATGBICS by Approved Technology AT-SPFX/2-C Datasheet HTML 2Page - ATGBICS by Approved Technology AT-SPFX/2-C Datasheet HTML 3Page - ATGBICS by Approved Technology AT-SPFX/2-C Datasheet HTML 4Page - ATGBICS by Approved Technology AT-SPFX/2-C Datasheet HTML 5Page - ATGBICS by Approved Technology AT-SPFX/2-C Datasheet HTML 6Page - ATGBICS by Approved Technology AT-SPFX/2-C Datasheet HTML 7Page - ATGBICS by Approved Technology AT-SPFX/2-C Datasheet HTML 8Page - ATGBICS by Approved Technology AT-SPFX/2-C Datasheet HTML 9Page - ATGBICS by Approved Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_AT-SPFX/2-C_V2
Page 1 of 10
Product Datasheet
AT-SPFX/2-C
Allied Telesis® Compatible 155Mb/s SFP Transceiver
Hot Pluggable, Duplex LC, +3.3V, 1310nm, FP MMF 2km 0~70°C DDM
FEATURES
• Up to 155Mb/s Data Links
• Hot-Pluggable
• Duplex LC connector
• Up to 2 km on 50/125μm MMF
• 1310nm FP laser transmitter
• Single +3.3V Power Supply
• Low power dissipation <1W typically
• Commercial operating temperature range: 0°C to 70°C
• RoHS compliant and Lead Free
APPLICATIONS
• SONET OC-3/SDH STM-1
• Fast Ethernet
• Other Optical Links
DESCRIPTION
ATGBICS AT-SPFX/2-C Transceiver is a high-performance, cost-effective module which have a duplex LC optics
interface. Standard AC coupled CML for high-speed signal and LVTTL control and monitor signals. The receiver
section uses a PIN receiver and the transmitter uses a 1310nm FP laser, up to 17dB link budge ensure this module
SONET OC-3/SDH STM-1 2Km application.


Similar Part No. - AT-SPFX/2-C

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
AT-SPFX/15 ATGBICS-AT-SPFX/15 Datasheet
294Kb / 8P
AT-SPFX/15 Allied Telesis Compatible Transceiver SFP 100Base-LX (1310nm, SMF, 10km, DOM)
More results

Similar Description - AT-SPFX/2-C

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
0231A320-C ATGBICS-0231A320-C Datasheet
339Kb / 10P
0231A320 Huawei Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
10063-C ATGBICS-10063-C Datasheet
339Kb / 10P
10063 Extreme Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
100BASE-FX-MM-SFP-C ATGBICS-100BASE-FX-MM-SFP-C Datasheet
340Kb / 10P
100BASE-FX-MM-SFP Huawei Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
2315233-C ATGBICS-2315233-C Datasheet
339Kb / 10P
2315233 Huawei Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
3HE00024AA-C ATGBICS-3HE00024AA-C Datasheet
339Kb / 10P
3HE00024AA Alcatel Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
3HE00024CA-C ATGBICS-3HE00024CA-C Datasheet
277Kb / 10P
3HE00024CA Alcatel Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
AT-SPFX-15-C ATGBICS-AT-SPFX-15-C Datasheet
294Kb / 8P
AT-SPFX/15 Allied Telesis Compatible Transceiver SFP 100Base-LX (1310nm, SMF, 10km, DOM)
J9054D-C ATGBICS-J9054D-C Datasheet
339Kb / 10P
J9054D HPE Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
LFP402-C ATGBICS-LFP402-C Datasheet
339Kb / 10P
LFP402 Blackbox Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
SFP-100FX-2-C ATGBICS-SFP-100FX-2-C Datasheet
340Kb / 10P
SFP-100FX-2 ZyXEL Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com