Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F5-UPG-SFPLX-R-C Datasheet(PDF) 4 Page - ATGBICS by Approved Technology

Part # F5-UPG-SFPLX-R-C
Description  F5-UPG-SFPLX-R F5 Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

F5-UPG-SFPLX-R-C Datasheet(HTML) 4 Page - ATGBICS by Approved Technology

  F5-UPG-SFPLX-R-C Datasheet HTML 1Page - ATGBICS by Approved Technology F5-UPG-SFPLX-R-C Datasheet HTML 2Page - ATGBICS by Approved Technology F5-UPG-SFPLX-R-C Datasheet HTML 3Page - ATGBICS by Approved Technology F5-UPG-SFPLX-R-C Datasheet HTML 4Page - ATGBICS by Approved Technology F5-UPG-SFPLX-R-C Datasheet HTML 5Page - ATGBICS by Approved Technology F5-UPG-SFPLX-R-C Datasheet HTML 6Page - ATGBICS by Approved Technology F5-UPG-SFPLX-R-C Datasheet HTML 7Page - ATGBICS by Approved Technology F5-UPG-SFPLX-R-C Datasheet HTML 8Page - ATGBICS by Approved Technology F5-UPG-SFPLX-R-C Datasheet HTML 9Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_F5-UPG-SFPLX-R-C_V1
Page 4 of 9
Product Datasheet
Pin Assignment
Diagram of Host Board Connector Block Pin Numbers and Name
Diagram of Host Board Connector Block Pin Numbers and Names



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com