Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSWM1QSTK4-C Datasheet(PDF) 7 Page - ATGBICS by Approved Technology

Part # LSWM1QSTK4-C
Description  LSWM1QSTK4 H3C Compatible Direct Attach Copper Breakout Cable 40G QSFP to 4x10G SFP (3m, Passive)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

LSWM1QSTK4-C Datasheet(HTML) 7 Page - ATGBICS by Approved Technology

  LSWM1QSTK4-C Datasheet HTML 1Page - ATGBICS by Approved Technology LSWM1QSTK4-C Datasheet HTML 2Page - ATGBICS by Approved Technology LSWM1QSTK4-C Datasheet HTML 3Page - ATGBICS by Approved Technology LSWM1QSTK4-C Datasheet HTML 4Page - ATGBICS by Approved Technology LSWM1QSTK4-C Datasheet HTML 5Page - ATGBICS by Approved Technology LSWM1QSTK4-C Datasheet HTML 6Page - ATGBICS by Approved Technology LSWM1QSTK4-C Datasheet HTML 7Page - ATGBICS by Approved Technology LSWM1QSTK4-C Datasheet HTML 8Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_LSWM1QSTK4-C_V1
Page 7 of 8
Product Datasheet
Mechanical Information
The connector is compatible with the SFF-8436 to SFF-8432 specification
Regulatory Compliance
Feature
Test Method
Performance
Electrostatic Discharge
(ESD) to the Electrical
Pins
MIL-STD-883C Method 3015.7
Class 1(>2000 Volts)
Electromagnetic
Interference (EMI)
FCC Class B
Compliant with
Standards
CENELEC EN55022 Class B
CISPR22 ITE Class B
RF Immunity (RFI)
IEC61000-4-3
Typically Show no Measurable
Effect from a 10V/m Field
Swept from 80 to 1000MHz
RoHS Compliance
RoHS Directive 2011/65/EU and it's
Amendment Directives (EU)
2015/863
RoHS (EU)2015/863
compliant
REACH Compliance
REACH Regulation (EC) No 1907/2006
REACH (EC) No 1907/2006
compliant
Length (m)
Cable AWG
1
30
3
30
5
26
7
24



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com