Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DOM40K3R3G Datasheet(PDF) 29 Page - Hanbit Electronics Co.,Ltd

Part # DOM40K3R3G
Description  40Pin Flash Disk Module Min.16MB ~ Max.4GB, True IDE Interface Mode, 3.3V / 5.0V Operating
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40K3R3G Datasheet(HTML) 29 Page - Hanbit Electronics Co.,Ltd

Back Button DOM40K3R3G Datasheet HTML 22Page - Hanbit Electronics Co.,Ltd DOM40K3R3G Datasheet HTML 23Page - Hanbit Electronics Co.,Ltd DOM40K3R3G Datasheet HTML 24Page - Hanbit Electronics Co.,Ltd DOM40K3R3G Datasheet HTML 25Page - Hanbit Electronics Co.,Ltd DOM40K3R3G Datasheet HTML 26Page - Hanbit Electronics Co.,Ltd DOM40K3R3G Datasheet HTML 27Page - Hanbit Electronics Co.,Ltd DOM40K3R3G Datasheet HTML 28Page - Hanbit Electronics Co.,Ltd DOM40K3R3G Datasheet HTML 29Page - Hanbit Electronics Co.,Ltd DOM40K3R3G Datasheet HTML 30Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
HANBit
HFDOM40K3R
URL:www.hbe.co.kr
29 / 30
HANBit Electronics Co., Ltd.
Rev. 2.0 (October. 2004)
Command
BBk
UNC
IDNF
ABRT
AMNF DRDY DWF
DSC
CORR ERR
CheckPowerMode
V
V
V
V
V
ExecuteDriveDiagnostic
V
V
V
V
Erase Sector(s)
V
V
V
V
V
V
Format Track
V
V
V
V
V
V
Identify Drive
V
V
V
V
V
Idle
V
V
V
V
V
Idle Immediate
V
V
V
V
V
InitializeDriveParameter
V
V
V
Read Buffer
V
V
V
V
V
Read Multiple
V
V
V
V
V
V
V
V
V
Read Long Sector
V
V
V
V
V
V
V
Read Sector(s)
V
V
V
V
V
V
V
V
V
Read Verify Sectors
V
V
V
V
V
V
V
V
V
Recalibrate
V
V
V
V
V
Request Sense
V
V
V
V
V
Seek
V
V
V
V
V
Set Features
V
V
V
V
V
Set Multiple Mode
V
V
V
V
V
Set Sleep Mode
V
V
V
V
V
Stand By
V
V
V
V
V
Stand By Immediate
V
V
V
V
V
Translate Sector
V
V
V
V
V
V
Wear Level
V
V
V
V
V
V
V
V
Write Buffer
V
V
V
V
V
Write Long Sector
V
V
V
V
V
V
Write Multiple
V
V
V
V
V
V
V
Write Multiple w/o Erase
V
V
V
V
V
V
V
Write Sector(s)
V
V
V
V
V
V
V
Write Sector(s) w/o
Erase
V
V
V
V
V
V
V
Write Verify Sector(s)
V
V
V
V
V
V
V
Invalid Command Code
V
V
V
V
V
V = Valid on this command
Ordering Infomation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com