Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VFCP201010K000TCR0.2FST Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VFCP201010K000TCR0.2FST
Description  Ultra High-Precision Z-Foil Flip Chip Resistor with TCR of ±0.05 ppm/°C, 35% Space Saving vs. Wraparound Design and PCR of 5 ppm at Rated Power
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VFCP201010K000TCR0.2FST Datasheet(HTML) 3 Page - Vishay Siliconix

  VFCP201010K000TCR0.2FST Datasheet HTML 1Page - Vishay Siliconix VFCP201010K000TCR0.2FST Datasheet HTML 2Page - Vishay Siliconix VFCP201010K000TCR0.2FST Datasheet HTML 3Page - Vishay Siliconix VFCP201010K000TCR0.2FST Datasheet HTML 4Page - Vishay Siliconix VFCP201010K000TCR0.2FST Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
For questions, contact foil@vishaypg.com
Vishay Foil Resistors
Document No.: 63106
Revision: 04-Nov-2013
www.vishayfoilresistors.com
3
VFCP Series (0805, 1206, 1506, 2010, 2512) (Z-Foil)
TABLE 4—PERFORMANCE SPECIFICATIONS
Test or Condition
MIL-PRF-55342
Characteristic E ∆R Limits
Typical ∆R Limits
Maximum ∆R Limits(1)
Thermal Shock
±0.1%
±0.005% (50 ppm)
± 0.01% (100 ppm)
Low Temperature Operation
±0.1%
±0.005% (50 ppm)
± 0.01% (100 ppm)
Short Time Overload
±0.1%
±0.005% (50 ppm)
± 0.01% (100 ppm)
High Temperature Exposure
±0.1%
±0.01% (100 ppm)
±0.02% (200 ppm)
Resistance to Soldering Heat
±0.2%
±0.005% (50 ppm)
±0.015% (150 ppm)
Moisture Resistance
±0.2%
±0.005% (50 ppm)
±0.02% (200 ppm)
Load Life Stability +70°C for
2000 hours at Rated Power
±0.5%
±0.005% (50 ppm)
±0.01% (100 ppm)
Note
(1) As shown +0.01 ohms (Ω) to allow for measurement errors at low values.
TABLE 5—DIMENSIONS AND LAND PATTERN in inches (millimeters)
D
W
L
L1 (L - 0.005")
W1 (W - 0.003")
Solder Terminals
BOTTOM VIEW (showing terminals for mounting)
LAND PATTERN
G
Z
X
Chip
Size
L
±0.005 (0.13)
W
±0.005 (0.13)
Thickness
Maximum
D
±0.005 (0.13)
Z
G
X
0805
0.079 (2.01)
0.049 (1.24)
0.025 (0.64)
0.010 (0.25)
0.078 (1.98)
0.053 (1.35)
0.049 (1.24)
1206
0.126 (3.20)
0.062 (1.57)
0.025 (0.64)
0.015 (0.38)
0.125 (3.18)
0.090 (2.29)
0.062 (1.57)
1506
0.150 (3.81)
0.062 (1.57)
0.025 (0.64)
0.012 (0.30)
0.150 (3.81)
0.120 (3.05)
0.062 (1.57)
2010
0.200 (5.08)
0.100 (2.54)
0.025 (0.64)
0.020 (0.51)
0.199 (5.05)
0.153 (3.89)
0.100 (2.54)
2512
0.250 (6.35)
0.126 (3.20)
0.025 (0.64)
0.024 (0.61)
0.250 (6.35)
0.196 (4.98)
0.126 (3.20)
Notes
Avoid the use of those cleaning agents that could attack epoxy resins, which form part of the resistor construction.
Vacuum pick-up is recommended for handling.
Soldering iron not recommended.
RELATED PRODUCT TRAINING MODULE
Refer to Precision Resistors—There is more to resistor
precision than meets the eye.
RELATED VIDEO
Refer to Bulk Metal® Foil Resistor Accelerated Life Test
(Product Demo).
HARMONIC DISTORTION
Harmonic distortion is an important consideration in the
choice of precision resistors for sensitive applications. A
significant signal voltage across the resistor may change
the resistance value depending on the construction,
material, and size. Under these conditions Bulk Metal Foil
resistors behave more linearly than other resistor types.
FLOWER OF SULFUR
ASTM B 809, also known as flower of sulfur, is a test to
determine the porosity of metallic coating using humid
sulfur vapor. This vapor can penetrate conformal coatings
and cause damage to the device when it reacts with
lower layers of silver. Surface-mount Bulk Metal Foil chip
resistors avoid this problem with a special coating that
is proven to be reliable in extreme environments and
even against sulfur. The flower of sulfur test is especially



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com