Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

X6568-R6-10G-T-C Datasheet(PDF) 2 Page - ATGBICS by Approved Technology

Part # X6568-R6-10G-T-C
Description  X6568-R6-10G-T NetApp Compatible Transceiver SFP 100/1000/10000Base T (Copper RJ45, 30m)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATGBICS [ATGBICS by Approved Technology]
Direct Link  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

X6568-R6-10G-T-C Datasheet(HTML) 2 Page - ATGBICS by Approved Technology

  X6568-R6-10G-T-C Datasheet HTML 1Page - ATGBICS by Approved Technology X6568-R6-10G-T-C Datasheet HTML 2Page - ATGBICS by Approved Technology X6568-R6-10G-T-C Datasheet HTML 3Page - ATGBICS by Approved Technology X6568-R6-10G-T-C Datasheet HTML 4Page - ATGBICS by Approved Technology X6568-R6-10G-T-C Datasheet HTML 5Page - ATGBICS by Approved Technology X6568-R6-10G-T-C Datasheet HTML 6Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_ X6568-R6-10G-T-C_V1
Page 2 of 6
Product Datasheet
CABLE LENGTH
SFP TO HOST CONNECTOR PIN OUT
Pin
Symbol
Name/Description
Ref.
1
VEET
Transmitter Ground (Common with Receiver Ground)
1
2
TFAULT
Transmitter Fault. Not supported.
3
TDIS
Transmitter Disable. Laser output disabled on high or open.
2
4
MOD_DEF(2)
Module Definition 2. Data line for Serial ID.
3
5
MOD_DEF(1)
Module Definition 1. Clock line for Serial ID.
3
6
MOD_DEF(0)
Module Definition 0. Grounded within the module.
3
7
Rate Select
No connection required
8
LOS
High indicates no linked. low indicates linked.
4
9
VEER
Receiver Ground (Common with Transmitter Ground)
1
10
VEER
Receiver Ground (Common with Transmitter Ground)
1
11
VEER
Receiver Ground (Common with Transmitter Ground)
1
12
RD-
Receiver Inverted DATA out. AC Coupled
13
RD+
Receiver Non-inverted DATA out. AC Coupled
14
VEER
Receiver Ground (Common with Transmitter Ground)
1
15
VCCR
Receiver Power Supply
16
VCCT
Transmitter Power Supply
17
VEET
Transmitter Ground (Common with Receiver Ground)
1
18
TD+
Transmitter Non-Inverted DATA in. AC Coupled.
19
TD-
Transmitter Inverted DATA in. AC Coupled.
20
VEET
Transmitter Ground (Common with Receiver Ground)
1
Notes:
1. Circuit ground is connected to chassis ground
2. PHY disabled on TDIS > 2.0V or open, enabled on TDIS < 0.8V
3. Should be pulled up with 4.7k - 10k Ohms on host board to a voltage between 2.0 V and 3.6 V.
MOD_DEF(0) pulls line low to indicate module is plugged in.
4. LVTTL compatible with a maximum voltage of 2.5V.
Standard
Cable
Reach
Host Port
10GBase-T
CAT6A
30m
XFI
5GBase-T/2.5GBase-T
CAT5E
50m
5GBase-
R/2.5GBase-X
1000base-T
CAT5E
100m
1000base-FX



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com