Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CF9.02.08 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CF9.02.08
Description  CABLE 4COND 20AWG BLUE 1=1FT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CF9.02.08 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CF9.02.08 Datasheet HTML 1Page - List of Unclassifed Manufacturers CF9.02.08 Datasheet HTML 2Page - List of Unclassifed Manufacturers CF9.02.08 Datasheet HTML 3Page - List of Unclassifed Manufacturers CF9.02.08 Datasheet HTML 4Page - List of Unclassifed Manufacturers CF9.02.08 Datasheet HTML 5Page - List of Unclassifed Manufacturers CF9.02.08 Datasheet HTML 6Page - List of Unclassifed Manufacturers CF9.02.08 Datasheet HTML 7Page - List of Unclassifed Manufacturers CF9.02.08 Datasheet HTML 8Page - List of Unclassifed Manufacturers CF9.02.08 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2/10
09/2020
Guarantee
month guarantee
REACH
© igus® GmbH. Subject to misprints and errors. Technical modifications are possible at any time. Maybe older batches do not have all or
other features. Please refer regarding the availability of the items especially the information in the latest chainflex® catalogue.
Data sheet
Control cable (Class 7.6.4.2) l For heaviest duty applications l TPE outer jacket l Oil and
bio-oil resistant l PVC and halogen-free l Low-temperature-flexible l Hydrolysis and
microbe-resistant
chainflex® CF9
These values are based on specific applications or tests. They do not represent the limit of what is technically feasible.
Dynamic information
Bend radius
e-chain® linear
minimum 5 x d
flexible
minimum 4 x d
fixed
minimum 3 x d
Temperature
e-chain® linear
-35 °C up to +100 °C
flexible
-50 °C up to +100 °C (following DIN EN 60811-504)
fixed
-55 °C up to +100 °C (following DIN EN 50305)
v max.
unsupported
10 m/s
gliding
6 m/s
a max.
100 m/s2
Travel distance
Unsupported travel distances and up to 400 m for gliding applications, Class 6
Torsion
± 90°, with 1 m cable length, Class 2
Guaranteed service life according to guarantee conditions
5 million
7.5 million
10 million
Temperature,
from/to [°C]
R min. [factor x d]
R min. [factor x d]
R min. [factor x d]
-35/-25
6.8
7.5
8.5
-25/+90
5
6
7
+90/+100
6.8
7.5
8.5
Minimum guaranteed service life of the cable under the specified conditions.
The installation of the cable is recommended within the middle temperature range.
Double strokes
Electrical information
Nominal voltage
300/500 V (following DIN VDE 0298-3)
Testing voltage
2000 V (following DIN EN 50395)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com