Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FTCD8613E2PCM Datasheet(PDF) 7 Page - II-VI Marlow, Inc.

Part # FTCD8613E2PCM
Description  400G-SR8 QSFP-DD Finisar® Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.

FTCD8613E2PCM Datasheet(HTML) 7 Page - II-VI Marlow, Inc.

Back Button FTCD8613E2PCM Datasheet HTML 2Page - II-VI Marlow, Inc. FTCD8613E2PCM Datasheet HTML 3Page - II-VI Marlow, Inc. FTCD8613E2PCM Datasheet HTML 4Page - II-VI Marlow, Inc. FTCD8613E2PCM Datasheet HTML 5Page - II-VI Marlow, Inc. FTCD8613E2PCM Datasheet HTML 6Page - II-VI Marlow, Inc. FTCD8613E2PCM Datasheet HTML 7Page - II-VI Marlow, Inc. FTCD8613E2PCM Datasheet HTML 8Page - II-VI Marlow, Inc. FTCD8613E2PCM Datasheet HTML 9Page - II-VI Marlow, Inc. FTCD8613E2PCM Datasheet HTML 10Page - II-VI Marlow, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
FTCD8613E2PCM Product Specification
Finisar® Transceiver
© II-VI Incorporated June 2022 Product Specification RevB01
Page 7
Notes:
1.
The receiver shall be able to tolerate, without damage, continuous exposure to an optical input signal
having this average power level on one lane. The receiver does not have to operate correctly at this input
power.
2.
Average receive power, each lane (min) is informative and not the principal indicator of signal strength. A
received power below this value cannot be compliant; however, a value above this does not ensure
compliance.
3.
Receiver sensitivity is informative and is defined for a transmitter with a value of SECQ up to 4.5 dB
4.
Measured with conformance test signal at TP3 (see 138.8.10) for the BER specified in 138.1.1.
5.
These test conditions are for measuring stressed receiver sensitivity. They are not characteristics of the
receiver.
6.
Ceq is a coefficient defined in 121.8.5.3, which accounts for the reference equalizer noise enhancement.
V.
General Specifications
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Bit Rate (all wavelengths combined)
BR
425
Gb/s
1
Bit Error Ratio
BER
2.4E-4
2
Maximum Supported Distances
Fiber Type
OM3 MMF
OM4 MMF
Lmax1
Lmax2
70
100
m
Notes:
1. Supports 400GBASE-SR8 per IEEE P802.3cm.
2.
As defined by IEEE P802.3cm.
VI.
Environmental Specifications
Finisar® FTCD8613E2PCM SR8 QSFP-DD transceivers have an operating case
temperature range of 0°C to +70°C.
Parameter
Symbol
Min
Typ
Max
Units
Ref.
Case Operating Temperature
Top
0
+70
°C
Storage Temperature
Tsto
-40
+85
°C
VII.
Regulatory Compliance
The Finisar® FTCD8613E2PCM transceivers are RoHS compliant. Copies of certificates
are available from II-VI Incorporated upon request.
Finisar® FTCD8613E2PCM SR8 QSFP-DD transceivers are Class 1M Laser Products.
They are certified per the following standards:
Feature
Agency
Standard
Laser Eye
Safety
FDA/CDRH
CDRH 21 CFR 1040.10 and Laser
Notice 56
Laser Eye
Safety
UL/CSA/TÜV
IEC/EN 60825-1:2014
IEC/EN 60825-2: 2004+A1+A2
Electrical
Safety
UL/CSA/TÜV
IEC/UL/EN 62368-1:2014



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com