Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FXPS7115D4 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button FXPS7115D4_V01 Datasheet HTML 48Page - NXP Semiconductors FXPS7115D4_V01 Datasheet HTML 49Page - NXP Semiconductors FXPS7115D4_V01 Datasheet HTML 50Page - NXP Semiconductors FXPS7115D4_V01 Datasheet HTML 51Page - NXP Semiconductors FXPS7115D4_V01 Datasheet HTML 52Page - NXP Semiconductors FXPS7115D4_V01 Datasheet HTML 53Page - NXP Semiconductors FXPS7115D4_V01 Datasheet HTML 54Page - NXP Semiconductors FXPS7115D4_V01 Datasheet HTML 55Page - NXP Semiconductors FXPS7115D4_V01 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 75 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
Bit
7
6
5
4
3
2
1
0
Symbol
ASICWFR_X[7:0]
Reset
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Access
R
R
R
R
R
R
R
R
Table 97. ASICWFR_X Register (address CCh) bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
ASICWFR_Y[7:0]
Reset
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Access
R
R
R
R
R
R
R
R
Table 98. ASICWFR_Y Register (address CDh) bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
ASICWLOT_L[7:0]
Reset
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Access
R
R
R
R
R
R
R
R
Table 99. ASICWLOT_L Register (address D0h) bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
ASICWLOT_H[7:0]
Reset
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Access
R
R
R
R
R
R
R
R
Table 100. ASICWLOT_H Register (address D1h) bit allocation
7.7.28 USERDATA_0 to USERDATA_E - user data registers
User data registers are user programmable OTP registers that contain user-specific
information. These registers are included in the user programmed OTP array error
detection. These registers are readable and writable in SPI mode or I2C mode when
ENDINIT is not set.
7.7.29 USERDATA_10 to USERDATA_1E - user data registers
User data registers are user programmable OTP registers that contain user-specific
information. These registers are included in the user programmed OTP array error
detection. These registers are readable and writable in SPI mode or I2C mode when
ENDINIT is not set.
7.7.30 Lock and CRC Registers
The lock and CRC Registers are automatically programmed OTP registers that include
the lock bit, the block identifier, and the block OTP array CRC use for error detection.
These registers are automatically programmed when the corresponding data array is
programmed to OTP using the Write OTP Enable register.
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 6 — 6 June 2022
52 / 75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com