Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LX64EB Datasheet(PDF) 65 Page - Lattice Semiconductor

Part # LX64EB
Description  IC SWITCH DIGITAL 208FBGA
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX64EB Datasheet(HTML) 65 Page - Lattice Semiconductor

Back Button LX64EB Datasheet HTML 61Page - Lattice Semiconductor LX64EB Datasheet HTML 62Page - Lattice Semiconductor LX64EB Datasheet HTML 63Page - Lattice Semiconductor LX64EB Datasheet HTML 64Page - Lattice Semiconductor LX64EB Datasheet HTML 65Page - Lattice Semiconductor LX64EB Datasheet HTML 66Page - Lattice Semiconductor LX64EB Datasheet HTML 67Page - Lattice Semiconductor LX64EB Datasheet HTML 68Page - Lattice Semiconductor LX64EB Datasheet HTML 69Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 75 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
62
BK2_IO10
2
37N
3A
7
10
HSI3A_SOUTN
HSI3A_RXD7/TXD7
FIFO3A_DIN7/DOUT7
K16
BK2_IO11
2
37P
3A
7
11
HSI3A_SOUTP
HSI3A_RXD8/TXD8
FIFO3A_DIN8/DOUT8
J16
GND
2
-
-
-
-
-
-
GND
BK2_IO12
2
38N
3A
7
12
HSI3A_SYDT
5
HSI3A_RXD9/TXD9
FIFO3A_DIN9/DOUT9
J19
BK2_IO13
2
38P
3A
7
13
HSI3A_CDRRSTb
HSI3A_RECCLK
FIFO3A_FIFORSTb
H20
BK2_IO14
2
39N
3A
7
14
FIFO3A_STRDb
6
-
-
G21
BK2_IO15
2
39P
3A
7
15
-
-
FIFO3A_EMPTY
G20
BK2_IO16
2
40N
2A
0
-
-
FIFO2A_FULL
G22
BK2_IO17
2
40P
2A
1
-
HSI2A_SYDT
5
-
F22
BK2_IO18
2
41N
2A
2
-
HSI2A_RXD0/TXD0
FIFO2A_DIN0/DOUT0
F20
BK2_IO19
2
41P
2A
3
Note 4
HSI2A_RXD1/TXD1
FIFO2A_DIN1/DOUT1
F21
GND
2
-
-
-
-
-
-
GND
BK2_IO20/
PLL_FB3
2
42N
2A
4
HSI2A_SOUTN
HSI2A_RXD2/TXD2
FIFO2A_DIN2/DOUT2
H18
BK2_IO21/
VREF2
2
42P
2A
5
HSI2A_SOUTP
HSI2A_RXD3/TXD3
FIFO2A_DIN3/DOUT3
G17
BK2_IO22
2
43N
2A
6
HSI2_CSLOCK
HSI2A_RXD4/TXD4
FIFO2A_DIN4/DOUT4
E21
BK2_IO23
2
43P
2A
7
-
HSI2A_RXD5/TXD5
FIFO2A_DIN5/DOUT5
F19
BK2_IO24
2
44N
2A
8
-
HSI2A_RXD6/TXD6
FIFO2A_DIN6/DOUT6
E22
BK2_IO25
2
44P
2A
9
HSI2A_SYDT
5
HSI2A_RXD7/TXD7
FIFO2A_DIN7/DOUT7
D22
BK2_IO26
2
45N
2A
10
HSI2A_SINN
HSI2A_RXD8/TXD8
FIFO2A_DIN8/DOUT8
H17
BK2_IO27
2
45P
2A
11
HSI2A_SINP
HSI2A_RXD9/TXD9
FIFO2A_DIN9/DOUT9
H16
BK2_IO28
2
46N
2A
12
HSI2A_CDRRSTb
HSI2A_RECCLK
FIFO2A_FIFORSTb
E19
BK2_IO29
2
46P
2A
13
FIFO2A_STRDb
6
-
-
F18
BK2_IO30
2
47N
2A
14
-
-
-
D20
BK2_IO31
2
47P
2A
15
-
-
FIFO2A_EMPTY
D21
GND
2
-
-
-
-
-
-
GND
TCK
-
-
-
-
-
-
-
B19
GOE2
-
-
-
-
-
-
-
C19
BK3_IO0
3
48P
3B
0
-
HSI3B_SYDT
5
FIFO3B_FULL
E17
BK3_IO1
3
48N
3B
1
-
HSI3B_RXD0/TXD0
FIFO3B_DIN0/DOUT0
D18
BK3_IO2
3
49P
3B
2
Note 4
HSI3B_RXD1/TXD1
FIFO3B_DIN1/DOUT1
A19
BK3_IO3
3
49N
3B
3
-
HSI3B_RXD2/TXD2
FIFO3B_DIN2/DOUT2
A18
GND
3
-
-
-
-
-
-
GND
BK3_IO4
3
50P
3B
4
HSI3B_SINP
HSI3B_RXD3/TXD3
FIFO3B_DIN3/DOUT3
G15
BK3_IO5
3
50N
3B
5
HSI3B_SINN
HSI3B_RXD4/TXD4
FIFO3B_DIN4/DOUT4
G14
BK3_IO6
3
51P
3B
6
-
HSI3B_RXD5/TXD5
FIFO3B_DIN5/DOUT5
D17
BK3_IO7
3
51N
3B
7
HSI3B_SYDT
5
HSI3B_RXD6/TXD6
FIFO3B_DIN6/DOUT6
D16
BK3_IO8
3
52P
3B
8
-
HSI3B_RXD7/TXD7
FIFO3B_DIN7/DOUT7
C18
BK3_IO9
3
52N
3B
9
-
HSI3B_RXD8/TXD8
FIFO3B_DIN8/DOUT8
B18
BK3_IO10/
VREF3
3
53P
3B
10
HSI3B_SOUTP
HSI3B_RXD9/TXD9
FIFO3B_DIN9/DOUT9
F15
BK3_IO11
3
53N
3B
11
HSI3B_SOUTN
HSI3B_RECCLK
-
F14
GND
3
-
-
-
-
-
-
GND
BK3_IO12
3
54P
3B
12
FIFO3B_STRDb
6
-
-
B17
BK3_IO13
3
54N
3B
13
HSI3B_CDRRSTb
HSI3B_RECCLK
FIFO3B_FIFORSTb
A17
BK3_IO14/
PLL_RST3
3
55P
3B
14
-
-
-
A16
ispGDX2-256 Logic Signal Connections (Continued)
Signal
Name
sysIO
Bank
LVDS
Pair/Polarity
GDX
Block MRB
SERDES Mode
I/O Pin
1
SERDES Mode
I/O Cell
2
FIFO Mode I/O
Cell/Pin
3
484
fpBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com