Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1ST040EH2F43E2VLS1 Datasheet(PDF) 9 Page - Intel Corporation

Part # 1ST040EH2F43E2VLS1
Description  Intel® Stratix® 10 TX Device Overview
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

1ST040EH2F43E2VLS1 Datasheet(HTML) 9 Page - Intel Corporation

Back Button 1ST040EH2F43E2VLS1 Datasheet HTML 5Page - Intel Corporation 1ST040EH2F43E2VLS1 Datasheet HTML 6Page - Intel Corporation 1ST040EH2F43E2VLS1 Datasheet HTML 7Page - Intel Corporation 1ST040EH2F43E2VLS1 Datasheet HTML 8Page - Intel Corporation 1ST040EH2F43E2VLS1 Datasheet HTML 9Page - Intel Corporation 1ST040EH2F43E2VLS1 Datasheet HTML 10Page - Intel Corporation 1ST040EH2F43E2VLS1 Datasheet HTML 11Page - Intel Corporation 1ST040EH2F43E2VLS1 Datasheet HTML 12Page - Intel Corporation 1ST040EH2F43E2VLS1 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Feature
Description
• Fast lock-time support for Gigabit Passive Optical Networking (GPON) PCS
• 8B/10B, 64B/66B, 64B/67B encoders and decoders
• Custom mode support for proprietary protocols
Power management
• SmartVID controlled core voltage, standard power devices
High performance monolithic
core fabric
• Intel Hyperflex core architecture with Hyper-Registers everywhere throughout the
interconnect routing and at the inputs of all functional blocks
• Monolithic fabric minimizes compile times and increases logic utilization
• Enhanced adaptive logic module (ALM)
• Improved multi-track routing architecture reduces congestion and improves compile
times
• Hierarchical core clocking architecture with programmable clock tree synthesis
• Fine-grained partial reconfiguration
Internal memory blocks
• eSRAM - 47.25 Mbit blocks with hard ECC support, select devices
• M20K—20 Kb with hard ECC support
• MLAB—640 bit distributed LUTRAM
Variable precision DSP
blocks
• IEEE 754-compliant hard single-precision floating point capability
• Supports signal processing with precision ranging from 18x19 up to 54x54
• Native 27x27 and 18x19 multiply modes
• 64 bit accumulator and cascade for systolic FIRs
• Internal coefficient memory banks
• Pre-adder/subtractor improves efficiency
• Additional pipeline register increases performance and reduces power
Phase locked loops (PLL)
• Fractional synthesis PLLs (fPLL) support both fractional and integer modes
• Fractional mode with third-order delta-sigma modulation
• Precision frequency synthesis
• Integer PLLs adjacent to general purpose I/Os, support external memory, and LVDS
interfaces, clock delay compensation, zero delay buffering
Core clock networks
• 1 GHz fabric clocking
• 667 MHz external memory interface clocking, supports 2666 Mbps DDR4 interface
• 800 MHz LVDS interface clocking, supports 1600 Mbps LVDS interface
• Programmable clock tree synthesis, backwards compatible with global, regional and
peripheral clock networks
• Clocks only synthesized where needed, to minimize dynamic power
continued...
1. Intel® Stratix® 10 TX Device Overview
683717 | 2022.08.18
Send Feedback
Intel® Stratix® 10 TX Device Overview
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com