Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XT30PW-M Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # XT30PW-M
Description  AMASS specifications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XT30PW-M Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  XT30PW-M Datasheet HTML 1Page - List of Unclassifed Manufacturers XT30PW-M Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
常州市艾迈斯电子有限公司
Changzhou Amass Electronics CO.LTD.
AMASS 规格书
版本号:V1.2
产品型号(Item No):XT30PW-F
专利号(Patent): 201530416577.6
客户图纸(Drawing)
产品材质及基本参数(Material & Parameter)
产品型号
Item No.
XT30PW-F
接触电阻
CR
0.80mΩ
颜色
COLOR
额定电压
DC 500V
金属材质
Metal Material
铜镀金
Brass Gold Plated
额定电流
RC
15A
绝缘材质
Plastic Material
PA
瞬时电流
MC
30A
阻燃等级
FR LEVEL
UL94 V0
推荐使用次数
USE TIMES
1000 TIMES
推荐应用
Recommend USE
电池
BATTERY
推荐线规
Cable SPEC.
PCB
安规认证
CERTIFICATION
CE/UL
工作温度
TEMPERATURE
.-20℃ to 120℃
★注意:用户的使用及环境有可能与我司测试方法有出入
(Data sheet will change according with the test background)
常州市艾迈斯电子有限公司(Changzhou AMASS Electronics Co., Ltd)
地址(Add):江苏省常州市武进区礼嘉镇青洋南路6公里处
(QingYang Road,Lijia Town,Wujin Dis. Changzhou City, Jiangsu Pro.)
电话(Tel):86-519-86731695
传真(Fax):86-519-86735861
邮编(Zip):213176
E-mail:hzy@china-amass.com
网址(Web):www.china-amass.com
安装孔示意图



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com