Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H7CC-AS Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # H7CC-AS
Description  Digital Counter/Tachometer
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CC-AS Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button H7CC-AS Datasheet HTML 7Page - Omron Electronics LLC H7CC-AS Datasheet HTML 8Page - Omron Electronics LLC H7CC-AS Datasheet HTML 9Page - Omron Electronics LLC H7CC-AS Datasheet HTML 10Page - Omron Electronics LLC H7CC-AS Datasheet HTML 11Page - Omron Electronics LLC H7CC-AS Datasheet HTML 12Page - Omron Electronics LLC H7CC-AS Datasheet HTML 13Page - Omron Electronics LLC H7CC-AS Datasheet HTML 14Page - Omron Electronics LLC H7CC-AS Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
H7CC-A
@
11
Dimensions
(Unit: mm)
Counters
Dimensions with Flush Mounting Adapter
H7CC-A/-AS/-AW/-AWS/-AWD/-AWSD/-AU/-AUD (Flush Mounting Models)
Note: M3.5 terminal screw (effective length: 6 mm)
44.8
u 44.8
48
u 48
6
59
H7CC-A8/-A8D (Flush Mounting/Surface Mounting Models)
44.8
u 44.8
48
u 48
63.7
14.4
6
H7CC-A11/-A11S/-A11D/-A11SD (Flush Mounting/Surface Mounting Models)
63.7
14.4
44.8
u 44.8
48
u 48
6
58
48
57.5
7.5
(51)
H7CC-A/-AS/-AW/-AWS/-AWD/-AWSD/-AU/-AUD
(Provided with Adapter and Waterproof packing)
Panel Cutouts
Panel cutouts are as shown below. (according to
DIN43700).
Note: 1. The mounting panel thickness should be
1 to 5 mm.
2. To allow easier operation, it is
recommended that Adapters be mounted
so that the gap between sides with hooks
is at least 15 mm (i.e., with the panel
cutouts separated by at least 60 mm).
3. It is possible to horizontally mount Timers
side by side. Attach the Flush Mounting
Adapters so that the surfaces without
hooks are on the sides of the Timers. If
they are mounted side-by-side, water-
resistance will be lost.
60 min.
60 min.
15 min.
45
+0.6
0
45
+0.6
0
A
With Y92A-48F1 attached.
With Y92A-48 attached.
A=(48n
−2.5)
+1
−0
A=(51n
−5.5) +1
−0
A={48n
−2.5+(n−1)×4} +1
−0
n Units mounted
side by side
58
48
7.5
89.9
(51)
H7CC-A8/-A8D/-A11/-A11S/-A11D/-A11SD
(Flush Mounting/Surface Mounting Models)
(Adapter and Waterproof packing Ordered Separately)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com