Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UE48-2OS3D2 Datasheet(PDF) 10 Page - SICK AG

Part # UE48-2OS3D2
Description  Safety relays
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

UE48-2OS3D2 Datasheet(HTML) 10 Page - SICK AG

Back Button UE48-2OS3D2 Datasheet HTML 6Page - SICK AG UE48-2OS3D2 Datasheet HTML 7Page - SICK AG UE48-2OS3D2 Datasheet HTML 8Page - SICK AG UE48-2OS3D2 Datasheet HTML 9Page - SICK AG UE48-2OS3D2 Datasheet HTML 10Page - SICK AG UE48-2OS3D2 Datasheet HTML 11Page - SICK AG UE48-2OS3D2 Datasheet HTML 12Page - SICK AG UE48-2OS3D2 Datasheet HTML 13Page - SICK AG UE48-2OS3D2 Datasheet HTML 14Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 92 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
S e n S : c o n t r o l - S a f e c o n t r o l S o l u t I o n S | S I c K
8015528/2012-12-17
Subject to change without notice
Safety relays
Output expansion modules for OSSDs
1 0
ue10-2fG
connection diagrams
C2000 RES/EDM safety light curtain connected to UE10-2FG safety relay
C2000 R
C2000 S
+24 V
0 V
Sel1
1
2
3
4
5
6
1
2
3
4
5
6
+24 V
Sel2
n.c.
Test
n.c.
Shield
Sel1
+24 V
Sel2
EDM
OSSD 1
OSSD 2
Shield
7
8
GND
WH
BN
GN
GY
BU
PK
WH
BN
GN
GY
BU
GND
7
8
B1
Y1 13 23
B2
A2
Y2 14 24
UE10-2FG
S1
Operating mode: with manual reset and external device monitoring
C4000 Standard/Advanced safety light curtain connected to UE10-2FG safety relay
+ 24 V DC
0 VDC
1
3
4
5
6
2
FE
+24 V
Test
i.c.
i.c.
i.c.
0 V
FE
+24 V
RES
EDM
OSSD 1
OSSD 2
0 V
FE
1
5
6
3
4
2
FE
B1
Y1 13 23
B2
A2
Y2 14 24
UE10-2FG
C4000 S
C4000 R
S1
Operating mode: with manual reset and external device monitoring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com