Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APM2322 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APM2322
Description  N-Channel Enhancement Mode MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM2322 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APM2322 Datasheet HTML 1Page - Anpec Electronics Coropration APM2322 Datasheet HTML 2Page - Anpec Electronics Coropration APM2322 Datasheet HTML 3Page - Anpec Electronics Coropration APM2322 Datasheet HTML 4Page - Anpec Electronics Coropration APM2322 Datasheet HTML 5Page - Anpec Electronics Coropration APM2322 Datasheet HTML 6Page - Anpec Electronics Coropration APM2322 Datasheet HTML 7Page - Anpec Electronics Coropration APM2322 Datasheet HTML 8Page - Anpec Electronics Coropration APM2322 Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Oct., 2003
www.anpec.com.tw
4
APM2322
0
4
8
121620
0
40
80
120
160
200
12
34
56
78
0.10
0.15
0.20
0.25
0.30
0.35
0.40
-50
-25
0
25
50
75
100
125
150
0.50
0.75
1.00
1.25
1.50
1.75
Typical Characteristics (Cont.)
On-Resistance vs. Junction Temperature
VGS=4.5V
IDs=1.5A
TJ - Junction Temperature (°C)
VDS - Drain-to-Source Voltage (V)
Capacitance
Ciss
Coss
VGS - Gate-to-Source Voltage (V)
IDs=1.5A
On-Resistance vs. Gate-to-Source Voltage
Gate Charge
QG - Gate Charge (nC)
Frequency=1MHz
Crss
RON@Tj=25
°C :195m
Ω
0.0
0.3
0.6
0.9
1.2
1.5
0
1
2
3
4
5
V
DS
=10 V
I
DS
= 1.5A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com