Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DVR1V8W Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DVR1V8W
Description  COMPLEX ARRAY FOR VOLTAGE REGULATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DVR1V8W Datasheet(HTML) 4 Page - Diodes Incorporated

  DVR1V8W Datasheet HTML 1Page - Diodes Incorporated DVR1V8W Datasheet HTML 2Page - Diodes Incorporated DVR1V8W Datasheet HTML 3Page - Diodes Incorporated DVR1V8W Datasheet HTML 4Page - Diodes Incorporated DVR1V8W Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DS30578 Rev. 4 - 2
4 of 5
DVR1V8W - DVR5V0W
www.diodes.com
V , ZENER VOLTAGE (V)
Fig. 7
Z
Zener Breakdown Characteristics (DVR5V0W)
0
100
200
300
400
500
600
700
800
900
1000
0
12
3
4
5
6
(Note 6)
Ordering Information
Device
Marking Code
Packaging
Shipping
DVR1V8W-7
VR01
SOT-363
3000/Tape & Reel
DVR2V5W-7
VR02
SOT-363
3000/Tape & Reel
DVR3V3W-7
VR03
SOT-363
3000/Tape & Reel
DVR5V0W-7
VR04
SOT-363
3000/Tape & Reel
Notes:
6. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXXX
XXXX = Product Type Marking Code,
See Table Above, e.g., VR01 = DVR1V8W
YM = Date Code Marking
Y = Year ex: R = 2004
M = Month ex: 9 = September
Date Code Key
Year
2004
2005
2006
2007
2008
2009
Code
RS
TU
V
W
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Sample Applications
Sample Application for DVR5V0W:
VCC9 = 6.0V
R17= 560
W
Vo(nom) = 5.0V
Io = 100mA
Iq(typical8) = 0.5mA @ Io = 0mA
Typical8 Vreg(load) = 0.2V from Io = 100mA to 0mA
1
10
100
10
100
1
V , NOMINAL ZENER VOLTAGE (V)
Fig. 8 Total Capacitance vs Nominal Zener Voltage
(DVR5V0W)
Z
T= 25 °C
f=1MHz
j
V= 2V
R
V=1V
R
Q1
Z1
R1 = 560R
R Load
VCC = 6.0V
Vo(nom) = 5.0V
DVR5V0W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com