Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QL Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # QL
Description  QL (AZ4) Micro Limit Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

QL Datasheet(HTML) 3 Page - Panasonic Semiconductor

  QL Datasheet HTML 1Page - Panasonic Semiconductor QL Datasheet HTML 2Page - Panasonic Semiconductor QL Datasheet HTML 3Page - Panasonic Semiconductor QL Datasheet HTML 4Page - Panasonic Semiconductor QL Datasheet HTML 5Page - Panasonic Semiconductor QL Datasheet HTML 6Page - Panasonic Semiconductor QL Datasheet HTML 7Page - Panasonic Semiconductor QL Datasheet HTML 8Page - Panasonic Semiconductor QL Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
39
2m 6.562ft.
3m 9.843ft.
5m 16.404ft.
2. Socket
Applicable limit switches
Specifications
Part No.
Exposed terminal types
L socket
AZ3806
Socket with cord (1 m)
AZ3807
Socket with cord (2 m)
AZ3827
Socket with cord (3 m)
AZ3837
Socket with cord (5 m)
AZ3857
3. Socket with LED
Applicable limit switches
Lamp connection
Lamp rating
Part No.
Exposed terminal types
Normally open connection
Normally closed connection
6V DC
AZ3807162
12V DC
AX3807161
24V to 48V DC
AZ380716
6V DC
AZ3807362
12V DC
AZ3807361
24V to 48V DC
AZ380736
Notes) 1. Types with 24 to 48V DC lamp rating are recommended for PC input use.
2. The following cord lengths are also available and lot-produced upon request.
Cord length
Part No.
AZ38
7∗6∗
AZ38
7∗6∗
AZ38
7∗6∗
Standards
Applicable product
Part No.
UL recognized product
CSA certified product
File No.
: E122222
Ratings
: 5A 250V AC
Product type : All products
File No.
: LR55880
Ratings
: 5A 250V AC
Product type : All products excluding socket with cord types.
Add “9” to the end of the part No.
2
3
5
The 5th digit (boxed) of product code denotes the length of cord.
Numerals come in the asterisked (*) digits, which show the lamp specifications.
The 7th digit: 1: N.O. connection, 3: N.C. connection
The 9th digit: None: 24 to 48V DC, 1: 12V DC, 2: 6V DC
FOREIGN STANDARDS
Rated control voltage
125V AC
250V AC
30V DC
125V DC
5A
5A
5A
0.4A
3A
3A
3A
0.1A
Resistive load (cos
φ]1)
Inductive load (cos
φ]0.4)
SPECIFICATIONS
1. Rating
Contact arrangement
1 From C
Initial contact resistance, max.
50 m
Ω (By voltage drop 5 to 6V DC 1A)
Contact material
Ag alloy (Contains cadmium.)
Initial insulation resistance (At 500V DC)
Min. 100M
Ω
Initial breakdown voltage
Shock resistance
Between non-consective terminals
1000 Vrms for 1 min
Between dead metal parts and each terminal
1500 Vrms for 1 min
Between ground and each terminal
In the free position
In the full operating position
Vibration resistance
Expected life (min. operations)
Mechanical
Electrical
1500 Vrms for 1 min
10 to 55 Hz, double amplitude of 1.5 mm
107 (at 120 cpm)
3
105 (at 20 cpm, 5A 250V resistive load)
Max. 300 m/s2 {Approx. 30G} (Adjustable rod type and adjustable roller
arm type: Min. 100m/s2 {Approx. 10G}
Ambient temperature
–20 to +60°C –4 to +140°F
Ambient humidity
Max. 95% R.H.
Max. operating speed
120 cpm
2. Characteristics
Characteristics
Actuator
Operating Force
[O.F.] (N{gf}) max.
Release Force
[R.F.] (N{gf}) min.
Pretravel [P.T.], max.
mm inch
Movement
Differential [M.D.]
max. mm inch
Overtravel [O.T.],
min. mm inch
Totaltravel [T.T.],
min.
6.86 {700}
Push plunger
Roller plunger
Cross roller plunger
Roller arm
Adjustable rod
Adjustable roller arm
0.69 {70}
1 .039
0.15 .006
4 .157
–
6.86 {700
0.69 {70}
1 .039
0.15 .006
4 .157
–
6.86 {700}
0.69 {70}
1 .039
0.15 .006
4 .157
–
4.41 {450}
0.24 {25}
15°±3°
3°–
80°
4.41 {450} to 1.11 {113} 0.24 {25} to 0.06 {6}
15°±3°
3°–
80°
4.41 {450} to 2.01 {205} 0.24 {25} to 0.11 {11}
15°±3°
3°–
80°
3. Operating characteristics
Protective construction
IEC
Switch body
IP64
IP65
IP66
L socket type
–
–
Type with socket
and cord
–
–
4. Protective characteristics
Rated operating voltage
Operating voltage range
Internal resistance
6V DC
5 to 15V DC
2.4k
Ω
12V DC
9 to 28V DC
4.7k
Ω
24 to 48V DC
20 to 55V DC
15k
Ω
5. LED rating
Note) For the operating characteristics, refer to the TECHNICAL INFORMATION.
Note) For the switch proper, protect its terminals.
QL (AZ4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com