Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H757AIH6TR Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM32H757AIH6TR
Description  Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI, crypto
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H757AIH6TR Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM32H757AIH6TR Datasheet HTML 59Page - STMicroelectronics STM32H757AIH6TR Datasheet HTML 60Page - STMicroelectronics STM32H757AIH6TR Datasheet HTML 61Page - STMicroelectronics STM32H757AIH6TR Datasheet HTML 62Page - STMicroelectronics STM32H757AIH6TR Datasheet HTML 63Page - STMicroelectronics STM32H757AIH6TR Datasheet HTML 64Page - STMicroelectronics STM32H757AIH6TR Datasheet HTML 65Page - STMicroelectronics STM32H757AIH6TR Datasheet HTML 66Page - STMicroelectronics STM32H757AIH6TR Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 251 page
background image
DS12931 Rev 1
63/251
STM32H757xI
Pin descriptions
104
D11
-
-
-
B2
VSS
S
-
-
-
-
-
-
-
9
E4
PI8
I/O
FT
-
EVENTOUT
RTC_TAMP2/
WKUP3
E9
E3
9
10
E3
PC13
I/O
FT
-
EVENTOUT
RTC_TAMP1/
RTC_TS/WKUP2
C13
C1
10
11
C2
PC14-
OSC32_IN
(OSC32_IN)(1)
I/O
FT
-
EVENTOUT
OSC32_IN
C12
D2
11
12
C1
PC15-
OSC32_OUT(
OSC32_OUT)
(1)
I/O
FT
-
EVENTOUT
OSC32_OUT
--
-
13
E2
PI9
I/O
FT_
h
-
UART4_RX,
FDCAN1_RX,
FMC_D30,
LCD_VSYNC,
EVENTOUT
-
-
-
-
14
F3
PI10
I/O
FT_
h
-
FDCAN1_RXFD_MODE,
ETH_MII_RX_ER,
FMC_D31,
LCD_HSYNC,
EVENTOUT
-
-
-
-
15
F4
PI11
I/O
FT
-
LCD_G6,
OTG_HS_ULPI_DIR,
EVENTOUT
WKUP4
-B4
12
16
A17
VSS
S
-
-
-
-
D13
E213
17E6
VDD
S
-
-
-
-
D12
F2
14
18
F2
VSSSMPS
S
-
-
-
-
E12
E115
19E1
VLXSMPS
S
-
-
-
-
E13
F1
16
20
F1
VDDSMPS
S
-
-
-
-
E11
F3
17
21
G2
VFBSMPS
S
-
-
-
-
E10
F4
18
22
G4
PF0
I/O FT_f
-
I2C2_SDA, FMC_A0,
EVENTOUT
-
F9
F5
19
23
G3
PF1
I/O FT_f
-
I2C2_SCL, FMC_A1,
EVENTOUT
-
F12
F6
20
24
G1
PF2
I/O
FT
-
I2C2_SMBA, FMC_A2,
EVENTOUT
-
Table 8. STM32H757xI pin/ball definition (continued)
Pin/ball name
Pin name
(function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com