Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H757AIH6TR Datasheet(PDF) 112 Page - STMicroelectronics

Part # STM32H757AIH6TR
Description  Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI, crypto
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H757AIH6TR Datasheet(HTML) 112 Page - STMicroelectronics

Back Button STM32H757AIH6TR Datasheet HTML 108Page - STMicroelectronics STM32H757AIH6TR Datasheet HTML 109Page - STMicroelectronics STM32H757AIH6TR Datasheet HTML 110Page - STMicroelectronics STM32H757AIH6TR Datasheet HTML 111Page - STMicroelectronics STM32H757AIH6TR Datasheet HTML 112Page - STMicroelectronics STM32H757AIH6TR Datasheet HTML 113Page - STMicroelectronics STM32H757AIH6TR Datasheet HTML 114Page - STMicroelectronics STM32H757AIH6TR Datasheet HTML 115Page - STMicroelectronics STM32H757AIH6TR Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 251 page
background image
Electrical characteristics
STM32H757xI
112/251
DS12931 Rev 1
6.3.2
VCAP external capacitor
Stabilization for the main regulator is achieved by connecting an external capacitor CEXT to
the VCAP pin. CEXT is specified in Table 25. Two external capacitors can be connected to
VCAP pins.
Figure 15. External capacitor CEXT
1. Legend: ESR is the equivalent series resistance.
Table 24. Supply voltage and maximum frequency configuration
Power scale
VCORE source
Max TJ (°C) Max frequency (MHz)
Min VDD (V)
VOS0
LDO
105
480
1.7
SMPS step-down
converter(1)
1. VOS0 (power scale 0) is not available when the SMPS step-down converter directly supplies VCORE.
--
-
VOS1
LDO
125
400
1.62
SMPS step-down
converter
VOS2
LDO
125
300
1.62
SMPS step-down
converter
125
VOS3
LDO(2)
2. Only for power-up sequence when the SMPS step-down converter supplies the LDO.
105
64
1.2(2)
LDO
125
200
1.62
SMPS step-down
converter
125
SVOS4
LDO
105
N/A
1.62
SMPS step-down
converter
125
SVOS5
LDO
105
N/A
1.62
SMPS step-down
converter
125
MS19044V2
ESR
R Leak
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com