Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H757IIH6TR Datasheet(PDF) 58 Page - STMicroelectronics

Part # STM32H757IIH6TR
Description  Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI, crypto
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H757IIH6TR Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STM32H757IIH6TR Datasheet HTML 54Page - STMicroelectronics STM32H757IIH6TR Datasheet HTML 55Page - STMicroelectronics STM32H757IIH6TR Datasheet HTML 56Page - STMicroelectronics STM32H757IIH6TR Datasheet HTML 57Page - STMicroelectronics STM32H757IIH6TR Datasheet HTML 58Page - STMicroelectronics STM32H757IIH6TR Datasheet HTML 59Page - STMicroelectronics STM32H757IIH6TR Datasheet HTML 60Page - STMicroelectronics STM32H757IIH6TR Datasheet HTML 61Page - STMicroelectronics STM32H757IIH6TR Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 251 page
background image
Pin descriptions
STM32H757xI
58/251
DS12931 Rev 1
Figure 8. LQFP176 pinout
1. The above figure shows the package top view.
MSv43745V4
176-pins
PE2
1
132
PA13
PE3
2
131
PA12
PE4
3
130
PA11
PE5
4
129
PA10
PE6
5
128
PA9
VSS
6
127
PA8
VDD
7
126
VDD
VBAT
8
125
PC9
PC13
9
124
PC8
PC14-OSC32_IN
10
123
PC7
PC15-OSC32_OUT
11
122
PC6
VSS
12
121
VDD33USB
VDD
13
120
VDD50USB
VSSSMPS
14
119
VSS
VLXSMPS
15
118
PG8
VDDSMPS
16
117
PG7
VFBSMPs
17
116
PG6
PF0
18
115
PG5
PF1
19
114
PG4
PF2
20
113
VDD
PF3
21
112
VSS
PF4
22
111
PG3
PF5
23
110
PG2
VSS
24
109
VSSDSI
VDD
25
108
VDD12DSI
PF6
26
107
DSI_CKN
PF7
27
106
DSI_CKP
PF8
28
105
VSSDSI
PF9
29
104
DSI_D0N
PF10
30
103
DSI_D0P
PH0-OSC_IN
31
102
VDD12DSI
PH1-OSC_OUT
32
101
VCAPDSI
NRST
33
100
VSS
PC0
34
99
VDD
PC1
35
98
PD15
PC2_C
36
97
PD14
PC3_C
37
96
PD13
VSSA
38
95
PD12
VREF+
39
94
PD11
VDDA
40
93
VSS
PA0
41
92
VDD
PA1
42
91
PD10
PA2
43
90
PD9
VDD
44
89
PD8
45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com