Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACD0900S3CTR Datasheet(PDF) 5 Page - ANADIGICS, Inc

Part # ACD0900S3CTR
Description  VHF/UHF CATV/TV Tuner
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACD0900S3CTR Datasheet(HTML) 5 Page - ANADIGICS, Inc

  ACD0900S3CTR Datasheet HTML 1Page - ANADIGICS, Inc ACD0900S3CTR Datasheet HTML 2Page - ANADIGICS, Inc ACD0900S3CTR Datasheet HTML 3Page - ANADIGICS, Inc ACD0900S3CTR Datasheet HTML 4Page - ANADIGICS, Inc ACD0900S3CTR Datasheet HTML 5Page - ANADIGICS, Inc ACD0900S3CTR Datasheet HTML 6Page - ANADIGICS, Inc ACD0900S3CTR Datasheet HTML 7Page - ANADIGICS, Inc ACD0900S3CTR Datasheet HTML 8Page - ANADIGICS, Inc ACD0900S3CTR Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet - Rev 2.2
05/2005
5
ACD0900
Figure 2: Test Circuit Schematic
1
2
4
5
9
8
7
6
3
10
16
15
14
13
12
11
PHASE
SPLITTER
LOW
NOISE
AMP
OSC
5.6
Ω
0.001
µF
RF
IN
NC
IF
1
IF
2
0.001
µF
OSC Output
to Prescalar
+5V
IF
OUT
3.3 pF
2K
Ω
1SV245
L
12 K
Ω
0.01
µF
Vtune
0.01
µF
0.1
µF
+5V
330
µF
100 pF
MIXER
NC
N:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com