Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AWT6202 Datasheet(PDF) 5 Page - ANADIGICS, Inc

Part # AWT6202
Description  GSM850/GSM900/DCS/PCS Quad Band PowerPlexer with Integrated Power Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6202 Datasheet(HTML) 5 Page - ANADIGICS, Inc

  AWT6202 Datasheet HTML 1Page - ANADIGICS, Inc AWT6202 Datasheet HTML 2Page - ANADIGICS, Inc AWT6202 Datasheet HTML 3Page - ANADIGICS, Inc AWT6202 Datasheet HTML 4Page - ANADIGICS, Inc AWT6202 Datasheet HTML 5Page - ANADIGICS, Inc AWT6202 Datasheet HTML 6Page - ANADIGICS, Inc AWT6202 Datasheet HTML 7Page - ANADIGICS, Inc AWT6202 Datasheet HTML 8Page - ANADIGICS, Inc AWT6202 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
AWT6202
ADVANCED PRODUCT INFORMATION - Rev 0.3
02/2005
Table 8: GSM850/900 Electrical Specification
(Mode = GSM_TX_EN, VBATT = 3.5 V, ZIN = ZOUT = 50 ςςςςς, TC = 25 ± 3 °C, PIN = 3 dBm,
PWIDTH = 1154
ms, Duty Cycle = 25%)
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
S
T
I
N
U
S
T
N
E
M
M
O
C
F
(
y
c
n
e
u
q
e
r
F
N
I
)
4
2
8
0
8
8
-
-
9
4
8
5
1
9
z
H
M
z
H
M
P
(
r
e
w
o
P
t
u
p
n
I
N
I
)0
3
5
m
B
d
P
(
r
e
w
o
P
t
u
p
t
u
O
T
U
O
)2
.
3
37
.
3
3-
m
B
dV
P
M
A
R
V
6
.
1
=
r
e
w
o
P
t
u
p
t
u
O
d
e
d
a
r
g
e
D8
.
0
37
.
1
3-
m
B
d
V
T
T
A
B
V
,
V
0
.
3
=
P
M
A
R
,
V
6
.
1
=
P N
I
T
,
m
B
d
0
=
C
C
°
5
8
=
y
c
n
e
i
c
if
f
E
e
l
u
d
o
M
)
r
e
tl
i
F
+
h
c
ti
w
S
+
A
P
(
-5
4-
%
V
P
M
A
R
P
,
V
6
.
1
=
N
I
,
m
B
d
3
=
V
T
T
A
B
V
5
.
3
=
1
n
o
it
a
l
o
s
I
d
r
a
w
r
o
F-
5
5
-1
5
-m
B
d
P N
I
V
,
m
B
d
5
=
T
T
A
B
V
8
.
4
o
t
3
=
r
o
N
E
_
X
R
_
0
0
9
M
S
G
=
e
d
o
M
e
l
b
a
t
l
o
r
t
n
o
c
e
e
s
,
N
E
_
X
R
_
0
5
8
M
S
G
2
n
o
it
a
l
o
s
I
d
r
a
w
r
o
F-
5
2
-0
1
-m
B
d
V
P
M
A
R
P
,
V
2
.
0
=
N
I
,
m
B
d
5
=
V
T
T
A
B
V
8
.
4
o
t
3
=
l
o
r
t
n
o
c
e
e
s
,
N
E
_
X
T
_
M
S
G
=
e
d
o
M
e
l
b
a
t
c
i
n
o
m
r
a
H
2 d
n
z
H
G
5
7
.
2
1
o
t
o
f
3
-
-
0
4
-
0
4
-
-
-
m
B
d
V
T
T
A
B
,
V
8
.
4
o
t
3
=
P T
U
O
m
B
d
2
.
3
3
o
t
5
=
:
y
ti
li
b
a
t
S
z
H
G
1
<
z
H
G
1
>
-
-
-
-
6
3
-
0
3
-
m
B
d
s
e
l
g
n
a
ll
A
1
:
0
1
=
R
W
S
V
V
T
T
A
B
,
V
8
.
4
o
t
3
=
P T
U
O
,
m
B
d
2
.
3
3
o
t
5
=
TC
C
°
5
8
o
t
0
2
-
=
s
s
e
n
d
e
g
g
u
R1
:
0
1-
-
R
W
S
V
P N
I
,
m
B
d
5
=
V
T
T
A
B
,
V
8
.
4
=
P T
U
O
,
m
B
d
2
.
3
3
o
t
5
=
d
a
o
l
f
o
s
e
s
a
h
p
ll
A
e
s
i
o
N
d
n
a
B
X
R
-
8
8
-4
8
-m
B
d
F N
I
z
H
M
9
4
8
=
F T
U
O
z
H
M
4
9
8
o
t
9
6
8
=
,
z
H
k
0
0
1
=
W
B
V
=
W
B
R
P T
U
O
m
B
d
2
.
3
3
o
t
5
=
-1
8
-8
7
-m
B
d
F N
I
z
H
M
5
1
9
=
F T
U
O
z
H
M
5
3
9
o
t
5
2
9
=
,
z
H
k
0
0
1
=
W
B
V
=
W
B
R
P T
U
O
m
B
d
2
.
3
3
o
t
5
=
-8
8
-4
8
-m
B
d
F N
I
z
H
M
5
1
9
=
F T
U
O
z
H
M
0
6
9
o
t
5
3
9
=
,
z
H
k
0
0
1
=
W
B
V
=
W
B
R
P T
U
O
m
B
d
2
.
3
3
o
t
5
=
R
W
S
V
t
u
p
n
I-
-
1
:
5
.
2s
l
e
v
e
l
r
e
w
o
p
ll
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com