Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APL5901-13VC Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL5901-13VC
Description  Low IQ, Low Dropout 900mA Fixed Voltage Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5901-13VC Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL5901-13VC Datasheet HTML 2Page - Anpec Electronics Coropration APL5901-13VC Datasheet HTML 3Page - Anpec Electronics Coropration APL5901-13VC Datasheet HTML 4Page - Anpec Electronics Coropration APL5901-13VC Datasheet HTML 5Page - Anpec Electronics Coropration APL5901-13VC Datasheet HTML 6Page - Anpec Electronics Coropration APL5901-13VC Datasheet HTML 7Page - Anpec Electronics Coropration APL5901-13VC Datasheet HTML 8Page - Anpec Electronics Coropration APL5901-13VC Datasheet HTML 9Page - Anpec Electronics Coropration APL5901-13VC Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.2 - May., 2005
APL5901/2
www.anpec.com.tw
6
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
0
150
300
450
600
750
900
APL5901/2-33
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
200k
50
100 200
500
1k
2k
5k
10k 20k
50k 100k
0.4
0.5
0.6
0.7
0.8
0.9
1
3
3.5
4
4.5
5
5.5
6
-12
-10
-8
-6
-4
-2
0
0
0.5
1
1.5
2
2.5
3
Typical Characteristics
SHDN Threshold Voltage vs. Input Voltage
Input Voltage (V)
PSRR vs. Frequency
Frequency (HZ)
IOUT =50mA
COUT=10uF
CBP=0.1uF
Output Current vs. Output Voltage
Output Voltage (V)
Output Current (mA)
V
IN=0V
V
IN=0V
V
IN=4V
V
IN=5V
APL5901/2-33
APL5901/2-33
Dropout Voltage vs. Output Current
V
OUT=1.5V
V
OUT=1.8V
V
OUT=3.3V
V
OUT=2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com