Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APL5902-13VC Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APL5902-13VC
Description  Low IQ, Low Dropout 900mA Fixed Voltage Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5902-13VC Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APL5902-13VC Datasheet HTML 1Page - Anpec Electronics Coropration APL5902-13VC Datasheet HTML 2Page - Anpec Electronics Coropration APL5902-13VC Datasheet HTML 3Page - Anpec Electronics Coropration APL5902-13VC Datasheet HTML 4Page - Anpec Electronics Coropration APL5902-13VC Datasheet HTML 5Page - Anpec Electronics Coropration APL5902-13VC Datasheet HTML 6Page - Anpec Electronics Coropration APL5902-13VC Datasheet HTML 7Page - Anpec Electronics Coropration APL5902-13VC Datasheet HTML 8Page - Anpec Electronics Coropration APL5902-13VC Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.2 - May., 2005
APL5901/2
www.anpec.com.tw
4
APL5901/2
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
100Hz<f<100kHz, typical load,
CBP=0.01
µF, COUT = 1µF
50
Noise
(Note3)
100Hz<f<100kHz, typical load,
CBP=0.1
µF, COUT = 1µF
40
µVrms
CBP=0.01
µF,C
OUT=1µF, no load
7
IQ
Shutdown Recovery
Delay
(Note3)
CBP=0.1
µF,C
OUT=1µF, no load
70
ms
OTS
Over Temperature
Shutdown
150
°C
Over Temperature
Shutdown Hysteresis
Hysteries
10
°C
TC
Output Voltage
Temperature
Coefficient
50
ppm/
°C
COUT
Output Capacitor
4.2
4.7
5.2
µF
ESR
0.02
0.1
1
Ohm
Shutdown Input
Threshold
(Note3)
VOUT+1.0V< VIN <6.0V
0.4
0.7
1.6
V
ISHDN
Shutdown input Bias
current
(Note3)
VSHDN =VIN
0.01
100
nA
Input Reverse Leakage
current
VOUT-VIN=0.1V
0.1
0.5
µA
Reverse Protection
Threshold
11
50
mV
Application Circuit
BP
VOUT
VIN
GND
SHDN
VOUT
CIN
1
µF
off
on
APL5901
INPUT
2.7V to 6V
0.01
µF
CBP
COUT
4.7
µF
Electrical Characteristics (Cont.)
Note 2 : Dropout voltage definition : VIN-VOUT when VOUT is 2% below the value of VOUT for VIN = VOUT + 0.5V
Note 3 : For 5-pin devices only.
Unless otherwise noted these specifications apply over full temperature, VIN=3.6V, CIN=1
µF, COUT=4.7µF,
SHDN=VIN, T
J=0 to 125°C. Typical values refer to T
J
=25
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com