Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APL5902-23VC Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5902-23VC
Description  Low IQ, Low Dropout 900mA Fixed Voltage Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5902-23VC Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5902-23VC Datasheet HTML 1Page - Anpec Electronics Coropration APL5902-23VC Datasheet HTML 2Page - Anpec Electronics Coropration APL5902-23VC Datasheet HTML 3Page - Anpec Electronics Coropration APL5902-23VC Datasheet HTML 4Page - Anpec Electronics Coropration APL5902-23VC Datasheet HTML 5Page - Anpec Electronics Coropration APL5902-23VC Datasheet HTML 6Page - Anpec Electronics Coropration APL5902-23VC Datasheet HTML 7Page - Anpec Electronics Coropration APL5902-23VC Datasheet HTML 8Page - Anpec Electronics Coropration APL5902-23VC Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.2 - May., 2005
APL5901/2
www.anpec.com.tw
2
Package Code
D : S OT-89
D5 : SOT-89-5
U : TO-252
U5 : TO-252-5
V : SOT-223
K : SO-8
Temp. Range
C : 0 to 70 C
Handling Code
TR : Tape & Reel
Voltage Code :
13 : 1.3V ~ 34 : 3.4V
Lead Free Code
L : Lead Free Device
Blank : Original Device
APL5901/2 -
Handling Code
Temp. Range
Package Code
Voltage Code
APL5901/2
XXXXX13
APL5901/2 - 13 D/V/K :
XXXXX - Date Code , 13 - 1.3V
13
APL5901/2
XXXXX
APL5901/2 - 13 U :
XXXXX - Date Code , 13 - 1.3V
Lead Free Code
Pin Description
PIN
No.
Name
I/O
Description
1
VIN
I
Supply voltage input.
2
GND
Ground pins of the circuitry, and all ground pins must be soldered to
PCB with proper power dissipation.
3
SHDN
(Note1)
I
Shutdown control pin, low = off , high = normal. Don’t leave open.
4
BP
(Note1)
O
Bypass signal pin in fixed output type device
5
VOUT
O
Output pin of the regulator.
Ordering and Marking Information
Pin Configuration (Cont.)
SOT-223 (Top View)
VIN
VOUT
GND
1
2
3
TAB is V OUT
APL5902
°
Note1 : These pins do not exist in 3-pin package.
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte in plate termina-
tion finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering operations.
ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C for MSL classifica-
tion at lead-free peak reflow temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com