Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APL5901-26VC Datasheet(PDF) 20 Page - Anpec Electronics Coropration

Part # APL5901-26VC
Description  Low IQ, Low Dropout 900mA Fixed Voltage Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5901-26VC Datasheet(HTML) 20 Page - Anpec Electronics Coropration

Back Button APL5901-26VC Datasheet HTML 13Page - Anpec Electronics Coropration APL5901-26VC Datasheet HTML 14Page - Anpec Electronics Coropration APL5901-26VC Datasheet HTML 15Page - Anpec Electronics Coropration APL5901-26VC Datasheet HTML 16Page - Anpec Electronics Coropration APL5901-26VC Datasheet HTML 17Page - Anpec Electronics Coropration APL5901-26VC Datasheet HTML 18Page - Anpec Electronics Coropration APL5901-26VC Datasheet HTML 19Page - Anpec Electronics Coropration APL5901-26VC Datasheet HTML 20Page - Anpec Electronics Coropration APL5901-26VC Datasheet HTML 21Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. B.2 - May., 2005
APL5901/2
www.anpec.com.tw
20
Reel Dimensions
Application
A
B
C
J
T1
T2
W
P
E
330
± 1
62 +1.5
12.75+ 0.15
2
± 0.5
12.4
± 0.2
2
± 0.2
12
± 0. 3
8
± 0.1
1.75
±0.1
F
D
D1
Po
P1
Ao
Bo
Ko
t
SOP- 8
5.5
± 1
1.55 +0.1
1.55+ 0.25
4.0
± 0.1
2.0
± 0.1
6.4
± 0.1
5.2
± 0. 1
2.1
± 0.1
0.3
±0.013
Application
A
B
C
J
T1
T2
W
P
E
178
±1
70
± 2
13.5
± 0.15 3 ± 0.15
14
± 2
1.3
± 0.3
12 + 0.3
12 - 0.1
8
± 0.1
1.75
± 0.1
F
D
D1
Po
P1
Ao
Bo
Ko
t
SOT-89
5.5
± 0.05
1.5
± 0.1
1.5
± 0.1
4.0
± 0.1
2.0
± 0.1
4.8
± 0.1
4.5
± 0.1
1.80
± 0.1 0.3±0.013
Application
A
B
C
J
T1
T2
W
P
E
330
±1
62
±1.5
12.75
±
0.15
2
± 0.6
12.4 +0.2
2
± 0.2
12
± 0.3
8
± 0.1
1.75
± 0.1
F
D
D1
Po
P1
Ao
Bo
Ko
t
SOT-223
5.5
± 0.05
1.5+ 0.1
1.5+ 0.1
4.0
± 0.1 2.0 ± 0.05 6.9 ± 0.1
7.5
± 0.1
2.1
± 0.1
0.3
±0.05
Application
A
B
C
J
T1
T2
W
P
E
330
±3
100
± 2
13
± 0. 5
2
± 0.5
16.4 + 0.3
-0.2
2.5
± 0.5
16+ 0.3
- 0.1
8
± 0.1
1.75
± 0.1
F
D
D1
Po
P1
Ao
Bo
Ko
t
TO-252
7.5
± 0.1
1.5 +0.1
1.5
± 0.25
4.0
± 0.1
2.0
± 0.1
6.8
± 0.1
10.4
± 0.1
2.5
± 0.1
0.3
±0.05
(mm)
Carrier Tape & Reel Dimensions(Cont.)
A
J
B
T2
T1
C
Cover Tape Dimensions
Application
Carrier Width
Cover Tape Width
Devices Per Reel
SOP- 8
12
9.3
2500
SOT- 89
12
9.3
1000
SOT- 223
12
9.3
2500
TO- 252
16
13.3
2500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com