Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP430 Datasheet(PDF) 31 Page - Texas Instruments

Part # MSP430
Description  AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430 Datasheet(HTML) 31 Page - Texas Instruments

Back Button MSP430 Datasheet HTML 27Page - Texas Instruments MSP430 Datasheet HTML 28Page - Texas Instruments MSP430 Datasheet HTML 29Page - Texas Instruments MSP430 Datasheet HTML 30Page - Texas Instruments MSP430 Datasheet HTML 31Page - Texas Instruments MSP430 Datasheet HTML 32Page - Texas Instruments MSP430 Datasheet HTML 33Page - Texas Instruments MSP430 Datasheet HTML 34Page - Texas Instruments MSP430 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 88 page
background image
To use the ADC, first enable the ADC buffer by setting ADC_CFG.BUF_PD = 0. Then wait at least 210 μs
before setting the trigger using the TRIGGER.ADC bit. An internal delay is forced if the trigger signal is sent
before the timer has expired. Make sure the ADC is not converting before setting the ADC_CFG.BUF_PD = 1. If
ADC_CFG.BUF_PD is set to 1 while the ADC is still converting, the internal timer delays this command. When
the timer expires, the enable signal for the ADC is cleared, and the current conversion finishes before powering
down the ADC and the ADC Buffer.
A trigger signal must occur for the ADC to exit the idle state. The ADC trigger is generated through the
TRIGGER.ADC bit. The ADC data registers have the latest available data. Accessing the data registers does not
interfere with the conversion process, and thus provides continuous ADC operation.
In direct-mode conversion, the selected ADC input channels are converted on demand by issuing an ADC trigger
signal. After the last enabled channel is converted, the ADC enters the idle state and waits for a new trigger.
Read the results of the ADC conversion through the register map. Direct-mode conversion is typically used to
gather the ADC data of any of the data channels. In direct-mode, use the ADC_BUSY bit to determine when a
direct-mode conversion is complete and the ADC has returned to the idle state. Direct mode is set by writing
ADC_CFG.DIRECT_MODE = 1.
In auto-mode conversion, the selected ADC input channels are converted continuously. The conversion cycle
is initiated by issuing an ADC trigger. Upon completion of the first conversion sequence, another sequence is
automatically started. Conversion of the selected channels occurs repeatedly until the auto-mode conversion is
stopped by clearing the ADC trigger signal. Auto-mode conversion is not typically used to gather the ADC data.
Instead, auto-mode conversions are used in combination with upper and lower ADC data thresholds to detect
when the data has exceeded the programmable out-of-range alarm thresholds. Auto mode is set by writing
ADC_CFG.DIRECT_MODE = 0.
Regardless of the selected conversion method, update the ADC configuration register only while the ADC is in
the idle state. Do not change the ADC configuration bits while the ADC is converting channels. Before changing
configuration bits, disable the ADC and verify that GEN_STATUS.ADC_BUSY = 0.
www.ti.com
AFE78101, AFE88101
SLASF21 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: AFE78101 AFE88101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com