Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI3WVR2646GHEX Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PI3WVR2646GHEX
Description  2:1 MIPI 4-Data Lane Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3WVR2646GHEX Datasheet(HTML) 2 Page - Diodes Incorporated

  PI3WVR2646GHEX Datasheet HTML 1Page - Diodes Incorporated PI3WVR2646GHEX Datasheet HTML 2Page - Diodes Incorporated PI3WVR2646GHEX Datasheet HTML 3Page - Diodes Incorporated PI3WVR2646GHEX Datasheet HTML 4Page - Diodes Incorporated PI3WVR2646GHEX Datasheet HTML 5Page - Diodes Incorporated PI3WVR2646GHEX Datasheet HTML 6Page - Diodes Incorporated PI3WVR2646GHEX Datasheet HTML 7Page - Diodes Incorporated PI3WVR2646GHEX Datasheet HTML 8Page - Diodes Incorporated PI3WVR2646GHEX Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
A Product Line of
Diodes Incorporated
PI3WVR2646
2
September 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
PI3WVR2646
Document Number DS42576 Rev 4-2
www.diodes.com
A
B
C
D
E
F
1
2
3
4
5
6
VCC
DB3+
GND
DA3-
DA3+
SEL
DB3-
DA2-
DA2+
D3-
D3+
DB2+
DB2-
D2-
D2+
DB1+
DB1-
DA1-
DA1+
D1-
D1+
CLKB+
CLKB-
CLKA-
CLKA+
CLK-
CLK+
GND
OE
GND
DA4-
DA4+
D4-
D4+
DB4-
DB4+
Truth Table
SEL
OE
Function
LOW
LOW
CLK+ = CLKA+, CLK- = CLKA-, Dn(+/-) = DAn(+/-)
HIGH
LOW
CLK+ = CLKB+, CLK- = CLKB-, Dn(+/-) = DBn(+/-)
X
HIGH
Clock and Data Ports High Impedance
Pin# Pin Name
Type
Description
A1
GND
Ground Ground
A2
GND
Ground Ground
A3
OE
I
Output enable. if OE is low, IC is enabled. if OE is high, IC is power down and all I/Os are Hi-Z
A4
SEL
I
Switch logic control
A5
VCC
Power
1.5V to 3.6V power supply
A6
GND
Ground Ground
B1
CLKA-
I/O
Clock negative differential signal for port A
B2
CLKA+
I/O
Clock positive differential signal for port A
B3
CLK-
I/O
Clock negative differential signal for COM port
B4
CLK+
I/O
Clock positive differential signal for COM port
B5
CLKB-
I/O
Clock negative differential signal for port B
B6
CLKB+
I/O
Clock positive differential signal for port B
C1
DA1-
I/O
Negative differential signal 1 for port A
C2
DA1+
I/O
Positive differential signal 1 for port A
Pin Configuration(Top View)
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com