Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PI6CBE33045 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # PI6CBE33045
Description  Low-Power 4-Output ZDB / Fanout Clock Buffer for PCIe 5.0 and UPI
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6CBE33045 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button PI6CBE33045 Datasheet HTML 9Page - Diodes Incorporated PI6CBE33045 Datasheet HTML 10Page - Diodes Incorporated PI6CBE33045 Datasheet HTML 11Page - Diodes Incorporated PI6CBE33045 Datasheet HTML 12Page - Diodes Incorporated PI6CBE33045 Datasheet HTML 13Page - Diodes Incorporated PI6CBE33045 Datasheet HTML 14Page - Diodes Incorporated PI6CBE33045 Datasheet HTML 15Page - Diodes Incorporated PI6CBE33045 Datasheet HTML 16Page - Diodes Incorporated PI6CBE33045 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
13
A Product Line of
Diodes Incorporated
PI6CBE33045
www.diodes.com
June 2022
Diodes Incorporated
PI6CBE33045
Document Number DS43623 Rev 2-2
PI6CBE33045 is a slave-only device that supports block read and block write protocol using a single 7-bit address and read/write bit as
shown below.
Read and write block transfers can be stopped after any complete byte transfer.
Address Assignment
A6
A5
A4
A3
A2
A1
A0
R/W
1
1
0
1
See SMBus Address Selection table
1/0
Note: SMBus address is latched on SADR pin
How to Write
1 bit
7 bits
1 bit 1 bit 8 bits
1 bit 8 bits
1 bit
8 bits
1 bit
8 bits
1 bit
1 bit
Start bit
Add.
W(0)
Ack
Beginning
Byte loca-
tion = N
Ack
Data Byte
count = X
Ack
Beginning
Data Byte
(N)
Ack
.......
Data Byte
(N+X-1)
Ack
Stop bit
How to Read
1 bit
7 bits
1 bit 1 bit 8 bits
1 bit 1 bit
7 bits
1 bit 1 bit 8 bits
1 bit
8 bits
1 bit
Start bit
Address
W(0)
Ack
Beginning
Byte loca-
tion = N
Ack
Repeat
Start bit
Address
R(1)
Ack
Data Byte
count = X
Ack
Beginning
Data Byte
(N)
Ack
8 bits
1 bit
1 bit
.......
Data Byte
(N+X-1)
NAck
Stop bit
SMBus Address
Pin
SMBus Address
SADR1_tri
SADR0_tri
PI6CBE3312x
PI6CBE3308x
PI6CBE3306x
PI6CBE33045
0
0
D8
D8
D8
D8
0
M
DA
N/A
N/A
DA
0
1
DE
N/A
N/A
DE
M
0
C2
N/A
N/A
N/A
M
M
C4
N/A
N/A
N/A
M
1
C6
N/A
N/A
N/A
1
0
CA
N/A
N/A
N/A
1
M
CC
N/A
N/A
N/A
1
1
CE
N/A
N/A
N/A
Note: PI6CBE3308x and PI6CBE3306x do not have SMBus address select pins. Their address is D8.
SMBus Serial Data Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com