Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSTCR4M19G53-R0 Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd

Part # CSTCR4M19G53-R0
Description  Ceramic Resonators/Crystal Units/MEMS Resonators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

CSTCR4M19G53-R0 Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd

Back Button CSTCR4M19G53-R0_V01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd CSTCR4M19G53-R0_V01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd CSTCR4M19G53-R0_V01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd CSTCR4M19G53-R0_V01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd CSTCR4M19G53-R0_V01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd CSTCR4M19G53-R0_V01 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd CSTCR4M19G53-R0_V01 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd CSTCR4M19G53-R0_V01 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd CSTCR4M19G53-R0_V01 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Document No. JGC42-8801
株式会社
村
田
製
作
所
Murata Manufacturing Co.,Ltd.
P. 10/16
表1
Table 1.
項 目
Item
試験後の変化量
Specification After Test
発振周波数
Oscillating Frequency
±0.20%以内(初期値に対し)
±0.20%max. (from initial value)
100
Φ4.5
3.8
1.5
0.8
0.4
基板材質
Board Material
ガラスエポキシ(FR4)
Glass Epoxy(FR4)
基板厚み
Board Thickness
1.6mm
第2図
たわみ試験用基板
Figure 2.
Test Board for Bending Strength Test
12
基板材質
Board Material
ガラスエポキシ(FR4)
Glass Epoxy(FR4)
基板厚み
Board Thickness
1.0mm
第3図
試験用基板
Figure 3.
Test Board
単位:mm
in mm
単位:mm
in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com